Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VI-LU2-IW Datasheet (PDF) - Vicor Corporation

VI-LU2-IW Datasheet PDF - Vicor Corporation
Part # VI-LU2-IW
Download  VI-LU2-IW Download
File Size   208.86 Kbytes
Page   4 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description 50 to 600W Autoranging AC-DC Switchers

VI-LU2-IW Datasheet (PDF)

Go To PDF Page Download Datasheet
VI-LU2-IW Datasheet PDF - Vicor Corporation

Part # VI-LU2-IW
Download  VI-LU2-IW Click to download

File Size   208.86 Kbytes
Page   4 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description 50 to 600W Autoranging AC-DC Switchers

VI-LU2-IW Datasheet (HTML) - Vicor Corporation


VI-LU2-IW Product details

Product Highlights
If you’re looking for the convenience of a complete, low profile, agency approved switching power supply, look no further. The FlatPAC combines Vicor’s workhorse VI-200 family of DC-DC converters with a modular package and front-end subassembly to provide from 50 to 600 W of output power from one to three outputs.

Features
➤Microcontroller architecture
➤Inputs: 115/230 Vac autoranging
➤Meets FCC Part 15, EN55022, Class B conducted emissions
➤80-90% efficiency
➤Any output: 1 to 95 Vdc
➤Module enable/disable (except LU series)
➤UL, TÜV, VDE, CE marked
➤Remote sense and current limit
➤BUS OK and AC OK (except LU series)
➤40 mS ride-through time
➤OVP and thermal shutdown
➤1 output; up to 200 W
➤1 or 2 outputs; up to 400 W
➤1, 2, or 3 outputs; up to 600 W




Similar Part No. - VI-LU2-IW

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-LU1-23 VICOR-VI-LU1-23 Datasheet
304Kb / 4P
50 to 600 W Autoranging AC-DC Switchers
VI-LUZ-EY VICOR-VI-LUZ-EY Datasheet
304Kb / 4P
50 to 600 W Autoranging AC-DC Switchers
More results


Similar Description - VI-LU2-IW

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
COMPAC VICOR-COMPAC Datasheet
204Kb / 4P
DC-DC Switchers 50 to 600W 1-3 Outputs
logo
List of Unclassifed Man...
PH300S48 ETC1-PH300S48 Datasheet
135Kb / 2P
Simple function, 50 to 600W DC-DC converters
logo
Vicor Corporation
VI-LC1Z-EV VICOR-VI-LC1Z-EV Datasheet
205Kb / 4P
DC-DC Switchers 50 to 600W 1-3 Outputs
VI-LU1-23 VICOR-VI-LU1-23 Datasheet
304Kb / 4P
50 to 600 W Autoranging AC-DC Switchers
logo
Powerbox
VI-ARM-C11 POWERBOX-VI-ARM-C11 Datasheet
506Kb / 1P
AC INPUT - AUTORANGING
logo
SL Power Electronics
GEM600 SLPOWER-GEM600 Datasheet
315Kb / 4P
600W Single Output Economy/Technology Switchers
logo
TDK Electronics
PH150S48-24 TDK-PH150S48-24 Datasheet
404Kb / 2P
Simple function, 50 to 600W DC-DC converters
PH150S4828 TDK-PH150S4828 Datasheet
404Kb / 2P
Simple function, 50 to 600W DC-DC converters
logo
Vicor Corporation
VI-MA1-EQ VICOR-VI-MA1-EQ Datasheet
2Mb / 4P
50 to 600 Watt Autoranging AC-DC Switchers
REV.3
logo
Applied Motion Products...
PS600A48 AMP-PS600A48 Datasheet
595Kb / 2P
AC/DC Power Supply ??PFC ??600W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com