Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPAC Datasheet (PDF) - Vicor Corporation

COMPAC Datasheet PDF - Vicor Corporation
Part # COMPAC
Download  COMPAC Download
File Size   204.64 Kbytes
Page   4 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description DC-DC Switchers 50 to 600W 1-3 Outputs

COMPAC Datasheet (PDF)

Go To PDF Page Download Datasheet
COMPAC Datasheet PDF - Vicor Corporation

Part # COMPAC
Download  COMPAC Click to download

File Size   204.64 Kbytes
Page   4 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description DC-DC Switchers 50 to 600W 1-3 Outputs

COMPAC Datasheet (HTML) - Vicor Corporation


COMPAC Product details

Product Highlights

ComPAC delivers up to 600W from one, two, or three outputs in a package just 0.99” (25,2mm) in height with the field proven performance, high efficiency and high reliability inherent in Vicor’s component level power converters. ComPAC meets British Telecom and European norms for input surge withstand and meets conducted emissions of EN55022 Class B.  ComPAC is offered with input voltage ranges optimized for industrial and telecommunication applications and provides extended input overvoltage capability, input reverse polarity protection, undervoltage lockout, and master disable.



Features

➤ Inputs 24, 48, and 300Vdc

➤ Any output: 1 to 95Vdc

➤ Input surge withstand: British Telecom BTR 2511, EN-61000-4-5

➤ Meets British Telecom BTR 2511, EN55022 Class B conducted emissions

➤ UL, CSA, TÜV (IEC 950)

➤ CE marked

➤ 80-90% efficiency

➤ Up to 10W/cubic inch

➤ Reverse polarity protected

➤ Master disable

➤ Overvoltage shutdown



 




Similar Part No. - COMPAC

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
COMPACT-808 COHERENT-COMPACT-808 Datasheet
639Kb / 4P
Industrial High Power Diode Laser
logo
Elma Electronic Ltd
COMPACT-CASE-20 ELMA-COMPACT-CASE-20 Datasheet
796Kb / 4P
COMPACT CASE 20
logo
Coherent Corp
COMPACT-EVO-AC COHERENT-COMPACT-EVO-AC Datasheet
937Kb / 3P
Industrial High Power Diode Laser
COMPACT-EVOLUTION COHERENT-COMPACT-EVOLUTION Datasheet
502Kb / 5P
Industrial High Power Diode Laser
COMPACT-MINI COHERENT-COMPACT-MINI Datasheet
472Kb / 4P
Industrial High Power Diode Laser
More results


Similar Description - COMPAC

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-RU VICOR-VI-RU Datasheet
208Kb / 4P
50 to 600W Autoranging AC-DC Switchers
logo
List of Unclassifed Man...
PH300S48 ETC1-PH300S48 Datasheet
135Kb / 2P
Simple function, 50 to 600W DC-DC converters
logo
Vicor Corporation
VI-LC1Z-EV VICOR-VI-LC1Z-EV Datasheet
205Kb / 4P
DC-DC Switchers 50 to 600W 1-3 Outputs
VI-LU1-23 VICOR-VI-LU1-23 Datasheet
304Kb / 4P
50 to 600 W Autoranging AC-DC Switchers
logo
SL Power Electronics
GEM600 SLPOWER-GEM600 Datasheet
315Kb / 4P
600W Single Output Economy/Technology Switchers
logo
TDK Electronics
PH150S48-24 TDK-PH150S48-24 Datasheet
404Kb / 2P
Simple function, 50 to 600W DC-DC converters
PH150S4828 TDK-PH150S4828 Datasheet
404Kb / 2P
Simple function, 50 to 600W DC-DC converters
logo
Delta Electronics, Inc.
Q48SC12050 DELTA-Q48SC12050 Datasheet
1Mb / 26P
600W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
600W DC/DC Power Modules
logo
Vicor Corporation
VI-MA1-EQ VICOR-VI-MA1-EQ Datasheet
2Mb / 4P
50 to 600 Watt Autoranging AC-DC Switchers
REV.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com