Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPAC Datasheet(PDF) 1 Page - Vicor Corporation

Part # COMPAC
Description  DC-DC Switchers 50 to 600W 1-3 Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

COMPAC Datasheet(HTML) 1 Page - Vicor Corporation

  COMPAC Datasheet HTML 1Page - Vicor Corporation COMPAC Datasheet HTML 2Page - Vicor Corporation COMPAC Datasheet HTML 3Page - Vicor Corporation COMPAC Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Total Power
Part No.
Dimensions
Single Outputs: 50-200W
VI-LC
8.6" x 2.5" x 0.99"
(218,4 x 63,5 x 25,2mm)
100-400W
VI-MC
8.6" x 4.9" x 0.99"
(218,4 x 124,5 x 25,2mm)
300-600W
VI-NC
8.6" x 7.3" x 0.99"
(218,4 x 185,4 x 25,2mm)
Dual Outputs:
100-400W
VI-PC
8.6" x 4.9" x 0.99"
(218,4 x 124,5 x 25,2mm)
150-600W
VI-QC
8.6" x 7.3" x 0.99"
(218,4 x 185,4 x 25,2mm)
Triple Outputs: 150-600W
VI-RC
8.6" x 7.3" x 0.99"
(218,4 x 185,4 x 25,2mm)
Product Highlights
ComPAC delivers up to 600W from
one, two, or three outputs in a package
just 0.99” (25,2mm) in height with the
field proven performance, high
efficiency and high reliability inherent
in Vicor’s component level power
converters. ComPAC meets British
Telecom and European norms for input
surge withstand and meets conducted
emissions of EN55022 Class B.
ComPAC is offered with input voltage
ranges optimized for industrial and
telecommunication applications and
provides extended input overvoltage
capability, input reverse polarity
protection, undervoltage lockout, and
master disable.
Features
Inputs 24, 48, and 300Vdc
Any output: 1 to 95Vdc
Input surge withstand:
British Telecom BTR 2511,
EN-61000-4-5
Meets British Telecom BTR 2511,
EN55022 Class B conducted emissions
UL, CSA, TÜV (IEC 950)
CE marked
80-90% efficiency
Up to 10W/cubic inch
Reverse polarity protected
Master disable
Overvoltage shutdown
DC-DC Switchers
50 to 600W
1-3 Outputs
Input Voltage
Nominal
Range
1 = 24V
21 - 32V (1)
W = 24V
18 - 36V (1)
3 = 48V
42 - 60V (2)
N = 48V
36 - 76V (2)
6 = 300V 200 - 400V (2)
Output Voltage
Z 2V
M 10V
K 40V
Y 3.3V
1 12V
4 48V
0 5V
P 13.8V H 52V
X 5.2V
2 15V
F 72V
W 5.5V
N 18.5V D 85V
V 5.8V
3 24V
B 95V
T 6.5V
L 28V
R 7.5V
J 36V
Output Power/Current
V
out ≥ 5V
V
out < 5V
W = 100W
20A
V = 150W
30A
U = 200W
40A
S = 300W
60A
Q = 400W
80A
Output Power/Current
V
out ≥ 5V
V
out < 5V
S = 300W
60A
P = 450W
90A
M = 600W
120A
Product Grade
E = -10°C to +85°C
C = -25°C to +85°C
I = -40°C to +85°C
M = -55°C to +85°C
Output Power/Current
V
out ≥ 5V
V
out < 5V
Y = 50W
10A
X = 75W
15A
W = 100W
20A
V = 150W
30A
U = 200W
40A
ComPAC Configuration Chart
Use the configuration chart at the right to define your
Vicor part number(s).
ComPAC
Max
≥5V
<5V
output for
Outputs
Outputs
(1)
150W
30A
(2)
200W
40A
Conduction Cooled Models Available
Add "-CC" to the end of the part number.
(Consult factory for details.)
Long Term Safe Operating Area Curves (1% duty cycle max. Z
s=0.5Ω; for short duration transient capability refer to page 3.)
0.1
1
10ms
100
1000
800V
Normal Operating Area
I.S.W.
Full Load
300V Input
S.D.
R.E.
500V
400V
200V
500ms
276V
Normal Operating Area
I.S.W.
Full Load
0.1
1
10ms
100
1000
48V Wide Range Input
R.E.
76V
125V
36V
S.D.
S.D.
100V
500ms
0.1
1
10ms
100
1000
100V
Normal Operating Area
I.S.W.
Full Load
100V
Standard
Wide Range
24V Inputs
R.E.
32V
21V
36V
18V
S.D.
160V
0.1
1
10ms
100
1000
Normal Operating Area
I.S.W.
Full Load
48V Input
R.E.
S.D.
60V
100V
42V
I.S.W.: Input surge withstand, no degradation of performance. R.E.: Ratings Exceeded S.D.: Shutdown
ComPAC 10/02
1 of 4


Similar Part No. - COMPAC

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
COMPACT-808 COHERENT-COMPACT-808 Datasheet
639Kb / 4P
Industrial High Power Diode Laser
logo
Elma Electronic Ltd
COMPACT-CASE-20 ELMA-COMPACT-CASE-20 Datasheet
796Kb / 4P
COMPACT CASE 20
logo
Coherent Corp
COMPACT-EVO-AC COHERENT-COMPACT-EVO-AC Datasheet
937Kb / 3P
Industrial High Power Diode Laser
COMPACT-EVOLUTION COHERENT-COMPACT-EVOLUTION Datasheet
502Kb / 5P
Industrial High Power Diode Laser
COMPACT-MINI COHERENT-COMPACT-MINI Datasheet
472Kb / 4P
Industrial High Power Diode Laser
More results

Similar Description - COMPAC

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-RU VICOR-VI-RU Datasheet
208Kb / 4P
50 to 600W Autoranging AC-DC Switchers
logo
List of Unclassifed Man...
PH300S48 ETC1-PH300S48 Datasheet
135Kb / 2P
Simple function, 50 to 600W DC-DC converters
logo
Vicor Corporation
VI-LC1Z-EV VICOR-VI-LC1Z-EV Datasheet
205Kb / 4P
DC-DC Switchers 50 to 600W 1-3 Outputs
VI-LU1-23 VICOR-VI-LU1-23 Datasheet
304Kb / 4P
50 to 600 W Autoranging AC-DC Switchers
logo
SL Power Electronics
GEM600 SLPOWER-GEM600 Datasheet
315Kb / 4P
600W Single Output Economy/Technology Switchers
logo
TDK Electronics
PH150S48-24 TDK-PH150S48-24 Datasheet
404Kb / 2P
Simple function, 50 to 600W DC-DC converters
PH150S4828 TDK-PH150S4828 Datasheet
404Kb / 2P
Simple function, 50 to 600W DC-DC converters
logo
Delta Electronics, Inc.
Q48SC12050 DELTA-Q48SC12050 Datasheet
1Mb / 26P
600W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
600W DC/DC Power Modules
logo
Vicor Corporation
VI-MA1-EQ VICOR-VI-MA1-EQ Datasheet
2Mb / 4P
50 to 600 Watt Autoranging AC-DC Switchers
REV.3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com