Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPAC Datasheet(PDF) 4 Page - Vicor Corporation

Part # COMPAC
Description  DC-DC Switchers 50 to 600W 1-3 Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

COMPAC Datasheet(HTML) 4 Page - Vicor Corporation

  COMPAC Datasheet HTML 1Page - Vicor Corporation COMPAC Datasheet HTML 2Page - Vicor Corporation COMPAC Datasheet HTML 3Page - Vicor Corporation COMPAC Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mechanical Drawings
OPTIONAL HEATSINK (H1)
STANDARD UNITS
1.12
(28,4)
1.37
(34,80)
0.99
(25,15)
0.5
(12,57)
0.41
(10,4)
9.25
±.120
(235,0
±3,05)
8.63
±.025
(219,2
±,64)
INPUTS
1
Ground
2
-Input
3
+Input
4
Disable-
5
Disable+
OUTPUTS
A
+Output
B
+Sense
C
Trim
D
-Sense
E
-Output
0.5
(12,57)
Measure case temperature on this surface.
0.41 (10,41)
2.11 (53,59)
1.53 (38,86)
1.14 (28,96)
0.75 (19,05)
ø0.150
± 0.005 THRU 4 PLACES
(ø3,81
± 0,13)
0
1
2
3
4
5
2.156
(54,76)
0.18
(4,6)
2.76
(70,1)
6.00
(152,4)
0.91
23,1)
2.54
(64,5)
0.20
(5,1)
0.19
(4,8)
0.20
(5,1)
E
D
C
B
A
0.25 TYP
#8-32 STUD
2 PLACES
(
0.41 (10,41)
4.53 (115,06)
3.95 (100,33)
3.56 (90,42)
3.17 (80,52)
2.83 (71,88)
2.11 (53,59)
1.53 (38,86)
1.14 (28,96)
0.75 (19,05)
ø0.150
± 0.005 THRU 5 PLACES
(ø3,81
± 0,13)
#10-32 STUD
2 PLACES
1
2
3
4
5
3.58
(90,9)
3.04
(77,2)
4.96
(126,0)
4.562
(115,87)
0.18
(4,6)
6.00
(152,4)
2.76
(70,1)
2.281
(57,94)
0.20
(5,1)
0.19
(4,8)
#8-32 STUD
4 PLACES
A
E
D
C
B
A
E
D
C
B
4.
0
0.25 TYP
A
E
D
C
B
ø0.150
± 0.005 THRU 6 PLACES
(ø3,81
± 0,13)
1
2
3
4
5
4.96
(126,0)
4.42
(112,3)
7.380
(187,45)
0.18
(4,6)
6.00
(152,4)
2.76
(70,1)
7.00
(177,8)
2.288
(58,12)
2.420
(61,47)
0.20
(5,1)
0.19
(4,8)
A
E
D
C
B
A
E
D
C
B
A
E
D
C
B
0.41 (10,41)
6.95 (176,53)
6.37 (161,80)
5.98 (151,89)
5.59 (141,99)
5.25 (133,35)
4.53 (115,06)
3.95 (100,33)
3.56 (90,42)
3.17 (80,52)
2.83 (71,88)
2.11 (53,59)
1.53 (38,86)
1.14 (28,96)
0.75 (19,05)
0
#10-32 STUD
2 PLACES
#8-32 STUD
6 PLACES
0.25 TYP
D
C
B
A
E
D
C
B
A
A
E
D
C
B
E
#10-32 STUD
2 PLACES
#8-32 STUD
2 PLACES
All Models
LC Series
MC, PC Series
NC, QC, RC Series
Standard Heatsink
Optional Heatsink (H1)
ComPAC 10/02
4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com