Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KV2001 Datasheet (PDF) - Microsemi Corporation

KV2001 Datasheet PDF - Microsemi Corporation
Part # KV2001
Download  KV2001 Download
File Size   121.39 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description VARACTOR DIODES HF/VHF/UHF Hyperabrupt Junction

KV2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
KV2001 Datasheet PDF - Microsemi Corporation

Part # KV2001
Download  KV2001 Click to download

File Size   121.39 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description VARACTOR DIODES HF/VHF/UHF Hyperabrupt Junction

KV2001 Datasheet (HTML) - Microsemi Corporation


KV2001 Product details

DESCRIPTION
These families of hyperabrupt junction RF varactor diodes feature computer controlled grown junction epitaxy which provides extraordinary consistency and the highest Q available in a 22 Volt hyperabrupt varactor. These series give the designer a full capacitance range of 10 to 500 pF at 3 or 4 volts of bias, depending on product series. They allow octave tuning of LC tanks through 500 MHz. With a reduced 1.5 to 1 frequency ratio, straight-line-frequency tuning over a 3 to 8 volt tuning range is possible. Ultrahigh Q and excellent large signal handling capabilities, along with a 2 to 1 capacitance ratio, is obtained by tuning from 9 to 20 volts of reverse bias. Linear, wide deviation tuning of VCXO/TCXO’S and frequency modulators also results when these diodes are tuned over a 3 to 8 volt bias range.
Closely matched sets of all HF-VHF diodes are available along with “A” suffix versions having ±5% capacitance tolerance at 3 or 4 volts of reverse bias depending on series selected.

KEY FEATURES
▪ Available as packaged devices or as chips for hybrid applications
▪ Octave Tuning Range
▪ Ultrahigh Q
▪ Available with 5% Tolerance CT

APPLICATIONS/BENEFITS
▪ Values cover the entire HF / VHV / UHF spectrum;
▪ Highest Q / lowest VCO phase noise
▪ Tough MIL-Spec SiO2 passivation
▪ Dozens of package outlines available

APPLICATIONS
    These families of hyperabrupt varactors are ideal for wide bandwidth VCOs. They also provide excellent performance in frequency modulators, voltage variable filters, analog phase shifters, TCXOs and VCXOs.




Similar Part No. - KV2001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KV2001 ETC-KV2001 Datasheet
304Kb / 3P
VHF HYPERABRUPT TUNNING VARACTORS
KV2001A ETC-KV2001A Datasheet
304Kb / 3P
VHF HYPERABRUPT TUNNING VARACTORS
More results


Similar Description - KV2001

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
Hyperabrupt Junction Tuning Varactor
logo
Microsemi Corporation
KV1911A MICROSEMI-KV1911A Datasheet
58Kb / 1P
UHF-MICROWAVE SUPER HYPERABRUPT JUNCTION VARACTOR DIODES
logo
Skyworks Solutions Inc.
GMV7811 SKYWORKS-GMV7811 Datasheet
61Kb / 3P
GaAs Hyperabrupt Junction Varactor Diodes
logo
Microsemi Corporation
KV1911A MICROSEMI-KV1911A_1 Datasheet
90Kb / 2P
VARACTOR DIODES UHF Microwave Super-Hyperabrupt Junction
KV2111 MICROSEMI-KV2111 Datasheet
100Kb / 2P
VARACTOR DIODES Microwave Hyperabrupt Junction
KV1401 MICROSEMI-KV1401 Datasheet
129Kb / 3P
VARACTOR DIODES HF/VHF Super Hyperabrupt Junction TM
logo
Skyworks Solutions Inc.
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
Hyperabrupt Junction Tuning Varactor
SMVA1211-001LF SKYWORKS-SMVA1211-001LF Datasheet
541Kb / 6P
Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
Hyperabrupt Junction Tuning Varactor
SMVA1705-004LF SKYWORKS-SMVA1705-004LF Datasheet
538Kb / 6P
Hyperabrupt Junction Tuning Varactor
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com