Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KV2001 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # KV2001
Description  VARACTOR DIODES HF/VHF/UHF Hyperabrupt Junction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

KV2001 Datasheet(HTML) 2 Page - Microsemi Corporation

  KV2001 Datasheet HTML 1Page - Microsemi Corporation KV2001 Datasheet HTML 2Page - Microsemi Corporation KV2001 Datasheet HTML 3Page - Microsemi Corporation KV2001 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KV2001 – KV2801
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
VARACTOR DIODES
HF/VHF/UHF Hyperabrupt Junction
Copyright
 2007
Rev: 2009-01-19
RoHS Compliant
TM
®
HF / VHF – HYPERABRUPT VARACTORS
UHF – HYPERABRUPT VARACTORS
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
CT (pF)
ƒ = 1 MHz
Min / Typ / Max
Capacitance
Ratio
Typ
Quality
Factor
1
Min/Typ
IR
Typ/Max
MODEL
NUMBER
VR = 4V
VR = 8V
VR = 20V
C(-4V) / C(-20V)
Q @-4V
ƒ= 50MHz
VR = 20V
(nA)
KV2001
18 / 20 / 22
7.5 / 8.5 / 10.5
3.1 / 3.5 / 3.9
5.8
160 / 220
15 / 100
KV2201
45 / 50 / 55
18 / 20 / 25
7.3 / 8.0 / 9.2
6.3
125 / 165
20 / 100
KV2301
100 / 110 / 120
39 / 45 / 55
15 / 17 / 19
6.6
80 / 110
30 / 100
KV2401
140 / 155 / 170
55 / 65 / 80
22.5 / 25 / 28
6.2
70 / 90
50 / 500
KV2501
180 / 200 / 220
70 / 85 / 105
29 / 32 / 36
6.3
60 / 80
70 / 500
KV2601
270 / 300 / 330
110 / 125 / 155
42.5 / 48 / 53.5
6.4
40 / 50
100 / 1000
KV2701
450 / 500 / 550
175 / 195 / 225
66 / 75 / 83
6.8
30 / 40
150 / 1000
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
CT (pF)
ƒ = 1 MHz
Min / Typ / Max
CAPACITANCE
RATIO
Typ
QUALITY
FACTOR
1
Min/Typ
IR
Typ/Max
MODEL
NUMBER
VR = 3V
VR = 8V
VR = 20V
C(-3V) / C(-20V)
Q @-3V
ƒ = 50MHz
VR = 20V
(nA)
KV2101
10.5 / 11.5 / 12.5
4.3 / 5.0 / 5.7
2.0 / 2.15 / 2.3
5.4
300 / 350
10 / 100
KV2801
25 / 28 / 31
10 / 12 / 13.5
4.5 / 4.8 / 5.1
5.9
200 / 250
20 / 100
1.
Q is determined at VR= 4V, ƒ=50 MHz by Q
)
2
/(
1
fRsCj



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com