Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT2012P5 Datasheet (PDF) - Diodes Incorporated

DXT2012P5 Datasheet PDF - Diodes Incorporated
Part # DXT2012P5
Download  DXT2012P5 Download
File Size   225.82 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5

DXT2012P5 Datasheet (PDF)

Go To PDF Page Download Datasheet
DXT2012P5 Datasheet PDF - Diodes Incorporated

Part # DXT2012P5
Download  DXT2012P5 Click to download

File Size   225.82 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5

DXT2012P5 Datasheet (HTML) - Diodes Incorporated


DXT2012P5 Product details

Features
• 43% smaller than SOT223; 60% smaller than TO252
• Maximum height just 1.1mm
• Rated up to 3.2W
• VCEO = 60V
• IC = -5.5A; ICM = 15A
• Low Saturation voltage
• Lead, Halogen, and Antimony Free/RoHS Compliant (Note 1)
• “Green” Device (Note 2)

Applications
• Motor driver
• Regulator circuit




Similar Part No. - DXT2012P5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT2012P5 DIODES-DXT2012P5_15 Datasheet
225Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
More results


Similar Description - DXT2012P5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT2014P5 DIODES-DXT2014P5 Datasheet
200Kb / 7P
140V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DS32009 Rev. 2 - 2
DXT2013P5 DIODES-DXT2013P5 Datasheet
210Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DS32010 Rev. 2 - 2
DXT2010P5 DIODES-DXT2010P5 Datasheet
204Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR PowerDI짰5
DS32011 Rev. 2 - 2
DXT2010P5 DIODES-DXT2010P5_15 Datasheet
204Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
DXT2012P5 DIODES-DXT2012P5_15 Datasheet
225Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
DXT2013P5 DIODES-DXT2013P5_15 Datasheet
210Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
DXT2014P5 DIODES-DXT2014P5_15 Datasheet
200Kb / 7P
140V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
FMMT591Q DIODES-FMMT591Q_17 Datasheet
574Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 2
FZT951 DIODES-FZT951_17 Datasheet
537Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 6
ZXTP19060CFF DIODES-ZXTP19060CFF_16 Datasheet
432Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com