Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT2013P5 Datasheet (PDF) - Diodes Incorporated

DXT2013P5 Datasheet PDF - Diodes Incorporated
Part # DXT2013P5
Download  DXT2013P5 Download
File Size   210.69 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5

DXT2013P5 Datasheet (PDF)

Go To PDF Page Download Datasheet
DXT2013P5 Datasheet PDF - Diodes Incorporated

Part # DXT2013P5
Download  DXT2013P5 Click to download

File Size   210.69 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5

DXT2013P5 Datasheet (HTML) - Diodes Incorporated


DXT2013P5 Product details

Features
• 43% smaller than SOT223; 60% smaller than TO252
• Maximum height just 1.1mm
• Rated up to 3.2W
• VCEO = -100V
• IC = -5A; ICM = -10A
• Low Saturation voltage
• Lead, Halogen and Antimony Free, RoHS Compliant (Note 1)
• “Green” Device (Note 2)

Applications
• SLIC DC-DC Converter




Similar Part No. - DXT2013P5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT2013P5 DIODES-DXT2013P5_15 Datasheet
210Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
More results


Similar Description - DXT2013P5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT2014P5 DIODES-DXT2014P5 Datasheet
200Kb / 7P
140V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DS32009 Rev. 2 - 2
DXTN07100BP5 DIODES-DXTN07100BP5 Datasheet
184Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR PowerDI짰5
DS32023 Rev. 2 - 2
DXT2011P5 DIODES-DXT2011P5 Datasheet
209Kb / 7P
100V NPN LOW SAT MEDIUM POWER TRANSISTOR PowerDI짰5
DS32069 Rev. 2 - 2
DXT2012P5 DIODES-DXT2012P5 Datasheet
225Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DS32070 Rev. 2 - 2
DXT2011P5 DIODES-DXT2011P5_15 Datasheet
207Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR POWERDI짰5
Rev 4
DXT2012P5 DIODES-DXT2012P5_15 Datasheet
225Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
DXT2013P5 DIODES-DXT2013P5_15 Datasheet
210Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
DXT2014P5 DIODES-DXT2014P5_15 Datasheet
200Kb / 7P
140V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
DXTN07100BP5 DIODES-DXTN07100BP5_15 Datasheet
295Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR PowerDI짰5
Rev 3
ZXTP25100BFH DIODES-ZXTP25100BFH_18 Datasheet
951Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com