Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT2011P5 Datasheet (PDF) - Diodes Incorporated

DXT2011P5 Datasheet PDF - Diodes Incorporated
Part # DXT2011P5
Download  DXT2011P5 Download
File Size   209.74 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN LOW SAT MEDIUM POWER TRANSISTOR PowerDI짰5

DXT2011P5 Datasheet (PDF)

Go To PDF Page Download Datasheet
DXT2011P5 Datasheet PDF - Diodes Incorporated

Part # DXT2011P5
Download  DXT2011P5 Click to download

File Size   209.74 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN LOW SAT MEDIUM POWER TRANSISTOR PowerDI짰5

DXT2011P5 Datasheet (HTML) - Diodes Incorporated


DXT2011P5 Product details

Features
• BVCEO > 100V
• IC = 6A High Continuous Collector Current
• ICM = 10A Peak Collector Current
• PD up to 3.2W
• 43% smaller than SOT223; 60% smaller than TO252
• Maximum height just 1.1mm
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Motor Drive
• Voltage Regulator using Emitter-Follower
• DC-DC Converter
• Telecoms
• Power Management




Similar Part No. - DXT2011P5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT2011P5 DIODES-DXT2011P5_15 Datasheet
207Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR POWERDI짰5
Rev 4
More results


Similar Description - DXT2011P5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T853G ZETEX-ZX5T853G Datasheet
126Kb / 6P
100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
DXT2013P5 DIODES-DXT2013P5 Datasheet
210Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DS32010 Rev. 2 - 2
DXTN07100BP5 DIODES-DXTN07100BP5 Datasheet
184Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR PowerDI짰5
DS32023 Rev. 2 - 2
ZX5T853G DIODES-ZX5T853G Datasheet
136Kb / 6P
100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZXTN19100CG DIODES-ZXTN19100CG Datasheet
338Kb / 8P
100V NPN low sat medium power transistor in SOT223
FEBRUARY 2008
DXT2011P5 DIODES-DXT2011P5_15 Datasheet
207Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR POWERDI짰5
Rev 4
DXT2013P5 DIODES-DXT2013P5_15 Datasheet
210Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
DXTN07100BP5 DIODES-DXTN07100BP5_15 Datasheet
295Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR PowerDI짰5
Rev 3
ZX5T853G DIODES-ZX5T853G_15 Datasheet
136Kb / 6P
100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
DXTN3C60PS DIODES-DXTN3C60PS Datasheet
528Kb / 8P
NPN LOW SAT MEDIUM POWER TRANSISTOR
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com