Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT2011P5 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DXT2011P5
Description  100V NPN LOW SAT MEDIUM POWER TRANSISTOR PowerDI짰5
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT2011P5 Datasheet(HTML) 1 Page - Diodes Incorporated

  DXT2011P5 Datasheet HTML 1Page - Diodes Incorporated DXT2011P5 Datasheet HTML 2Page - Diodes Incorporated DXT2011P5 Datasheet HTML 3Page - Diodes Incorporated DXT2011P5 Datasheet HTML 4Page - Diodes Incorporated DXT2011P5 Datasheet HTML 5Page - Diodes Incorporated DXT2011P5 Datasheet HTML 6Page - Diodes Incorporated DXT2011P5 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DXT2011P5
Document number: DS32069 Rev. 2 - 2
1 of 7
www.diodes.com
March 2010
© Diodes Incorporated
DXT2011P5
PowerDI is a registered trademark of Diodes Incorporated.
A Product Line of
Diodes Incorporated
100V NPN LOW SAT MEDIUM POWER TRANSISTOR
PowerDI
®5
Features
•
43% smaller than SOT223; 60% smaller than TO252
•
Maximum height just 1.1mm
•
Rated up to 3.2W
•
VCEO = 100V
•
IC = 6A; ICM = 10A
•
Low Saturation voltage
•
Lead, Halogen, and Antimony Free/RoHS Compliant (Note 1)
•
“Green” Device (Note 2)
Applications
•
Motor Drive
•
Regulator circuit
Mechanical Data
•
Case: PowerDI
®5
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.093 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
DXT2011P5-13
PowerDI
®5
5000/Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Top View
Bottom View
Pin-out diagram
Device Schematic
DXT2011 = Product Type Marking Code
= Manufacturers’ Code Marking
K = Factory Designator
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 09 for 2009)
WW = Week code (01 to 53)
YYWWK
DXT2011


Similar Part No. - DXT2011P5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT2011P5 DIODES-DXT2011P5_15 Datasheet
207Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR POWERDI짰5
Rev 4
More results

Similar Description - DXT2011P5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T853G ZETEX-ZX5T853G Datasheet
126Kb / 6P
100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
DXT2013P5 DIODES-DXT2013P5 Datasheet
210Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DS32010 Rev. 2 - 2
DXTN07100BP5 DIODES-DXTN07100BP5 Datasheet
184Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR PowerDI짰5
DS32023 Rev. 2 - 2
ZX5T853G DIODES-ZX5T853G Datasheet
136Kb / 6P
100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZXTN19100CG DIODES-ZXTN19100CG Datasheet
338Kb / 8P
100V NPN low sat medium power transistor in SOT223
FEBRUARY 2008
DXT2011P5 DIODES-DXT2011P5_15 Datasheet
207Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR POWERDI짰5
Rev 4
DXT2013P5 DIODES-DXT2013P5_15 Datasheet
210Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
DXTN07100BP5 DIODES-DXTN07100BP5_15 Datasheet
295Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR PowerDI짰5
Rev 3
ZX5T853G DIODES-ZX5T853G_15 Datasheet
136Kb / 6P
100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
DXTN3C60PS DIODES-DXTN3C60PS Datasheet
528Kb / 8P
NPN LOW SAT MEDIUM POWER TRANSISTOR
Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com