Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN19100CG Datasheet (PDF) - Diodes Incorporated

ZXTN19100CG Datasheet PDF - Diodes Incorporated
Part # ZXTN19100CG
Download  ZXTN19100CG Download
File Size   338.3 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN low sat medium power transistor in SOT223

ZXTN19100CG Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN19100CG Datasheet PDF - Diodes Incorporated

Part # ZXTN19100CG
Download  ZXTN19100CG Click to download

File Size   338.3 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN low sat medium power transistor in SOT223

ZXTN19100CG Datasheet (HTML) - Diodes Incorporated


ZXTN19100CG Product details

Features
• BVCEO > 100V
• IC = 5.5A Continuous Collector Current
• ICM = 10A Peak Pulse Current
• Low Saturation Voltage VCE(sat) < 65mV @ 1A
• RSAT = 43mΩ @ Ic = 6A for Low Equivalent On-Resistance
• hFE Specified up to 5.5A for High Gain Hold Up
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Line Switching
• Motor Driving (including DC fans)
• High-Side Switches
• Subscriber Line Interface Cards (SLIC)




Similar Part No. - ZXTN19100CG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN19100CGTA DIODES-ZXTN19100CGTA Datasheet
503Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
Rev 2
ZXTN19100CG DIODES-ZXTN19100CG_15 Datasheet
503Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
Rev 2
More results


Similar Description - ZXTN19100CG

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T853G ZETEX-ZX5T853G Datasheet
126Kb / 6P
100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G_06 Datasheet
135Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T853G DIODES-ZX5T853G Datasheet
136Kb / 6P
100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZXTN19060CG DIODES-ZXTN19060CG Datasheet
324Kb / 8P
60V NPN low sat medium power transistor in SOT223
FEBRUARY 2008
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT493 DIODES-FZT493_15 Datasheet
655Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT853 DIODES-FZT853_15 Datasheet
485Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
ZX5T853G DIODES-ZX5T853G_15 Datasheet
136Kb / 6P
100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZXTN2011G DIODES-ZXTN2011G_15 Datasheet
142Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com