Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT853TA Datasheet (PDF) - Diodes Incorporated

FZT853TA Datasheet PDF - Diodes Incorporated
Part # FZT853TA
Download  FZT853TA Download
File Size   249.97 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN MEDIUM POWER TRANSISTOR IN SOT223

FZT853TA Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT853TA Datasheet PDF - Diodes Incorporated

Part # FZT853TA
Download  FZT853TA Click to download

File Size   249.97 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN MEDIUM POWER TRANSISTOR IN SOT223

FZT853TA Datasheet (HTML) - Diodes Incorporated


FZT853TA Product details

Features
• BVCEO > 100V
• IC = 6A High Continuous Collector Current
• ICM = 10A Peak Pulse Current
• Low Saturation Voltage VCE(SAT) < 150mV @ 2A
• RCE(SAT) = 50mΩ for a Low Equivalent On-Resistance
• hFE Specified up to 10A for a High Gain Hold-Up
• Complementary PNP Type: FZT953
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
   




Similar Part No. - FZT853TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT853TA DIODES-FZT853TA Datasheet
406Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR
Rev 6
More results


Similar Description - FZT853TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T853G ZETEX-ZX5T853G Datasheet
126Kb / 6P
100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T853G DIODES-ZX5T853G Datasheet
136Kb / 6P
100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZXTN19100CG DIODES-ZXTN19100CG Datasheet
338Kb / 8P
100V NPN low sat medium power transistor in SOT223
FEBRUARY 2008
ZXTP19100CG DIODES-ZXTP19100CG Datasheet
362Kb / 8P
100V PNP medium transistor in SOT223
FEBRUARY 2008
FZT493 DIODES-FZT493_15 Datasheet
655Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT593 DIODES-FZT593_15 Datasheet
562Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT853 DIODES-FZT853_15 Datasheet
485Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT953 DIODES-FZT953_15 Datasheet
315Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
ZX5T953G DIODES-ZX5T953G_15 Datasheet
216Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com