Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT2011P5 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DXT2011P5
Description  100V NPN LOW SAT MEDIUM POWER TRANSISTOR PowerDI짰5
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT2011P5 Datasheet(HTML) 5 Page - Diodes Incorporated

  DXT2011P5 Datasheet HTML 1Page - Diodes Incorporated DXT2011P5 Datasheet HTML 2Page - Diodes Incorporated DXT2011P5 Datasheet HTML 3Page - Diodes Incorporated DXT2011P5 Datasheet HTML 4Page - Diodes Incorporated DXT2011P5 Datasheet HTML 5Page - Diodes Incorporated DXT2011P5 Datasheet HTML 6Page - Diodes Incorporated DXT2011P5 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DXT2011P5
Document number: DS32069 Rev. 2 - 2
5 of 7
www.diodes.com
March 2010
© Diodes Incorporated
DXT2011P5
PowerDI is a registered trademark of Diodes Incorporated.
A Product Line of
Diodes Incorporated
Typical Characteristic
1m
10m
100m
1
10
10m
100m
1
1m
10m
100m
1
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
1m
10m
100m
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1m
10m
100m
1
10
0.4
0.6
0.8
1.0
1.2
1.4
1m
10m
100m
1
10
0.4
0.6
0.8
1.0
1.2
1.4
0
50
100
150
200
250
VCE(SAT) v IC
Tamb=25°C
IC/IB=50
IC/IB=20
IC/IB=10
IC Collector Current (A)
VBE(SAT) v IC
IC/IB=10
100°C
25°C
-55°C
IC Collector Current (A)
hFE v IC
VCE=2V
-55°C
25°C
100°C
IC Collector Current (A)
25°C
VCE(SAT) v IC
IC/IB=10
100°C
-55°C
IC Collector Current (A)
VBE(ON) v IC
VCE=2V
100°C
25°C
-55°C
IC Collector Current (A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com