Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT458P5 Datasheet (PDF) - Diodes Incorporated

DXT458P5 Datasheet PDF - Diodes Incorporated
Part # DXT458P5
Download  DXT458P5 Download
File Size   204.34 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR PowerDI짰5

DXT458P5 Datasheet (PDF)

Go To PDF Page Download Datasheet
DXT458P5 Datasheet PDF - Diodes Incorporated

Part # DXT458P5
Download  DXT458P5 Click to download

File Size   204.34 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR PowerDI짰5

DXT458P5 Datasheet (HTML) - Diodes Incorporated


DXT458P5 Product details

Features
• 43% smaller than SOT223; 60% smaller than TO252
• Maximum height just 1.1mm
• Rated up to 2.8W
• VCEO = 400V
• IC = 300mA; ICM = 1A
• Lead, Halogen and Antimony Free, RoHS Compliant (Note 1)
• “Green” Device (Note 2)

Applications
• PSU start up switch
• Telecom switch




Similar Part No. - DXT458P5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT458P5 DIODES-DXT458P5_15 Datasheet
204Kb / 7P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR PowerDI짰5
Rev 1
More results


Similar Description - DXT458P5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT658 ZETEX-FZT658 Datasheet
78Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA42 ZETEX-FZTA42 Datasheet
23Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT658 KEXIN-FZT658 Datasheet
38Kb / 2P
NPN Silicon Planar High Voltage Transistor
FCX458 KEXIN-FCX458 Datasheet
51Kb / 2P
NPN Silicon Planar High Voltage Transistor
FZT955 KEXIN-FZT955 Datasheet
40Kb / 2P
NPN Silicon Planar High Voltage Transistor
logo
Diodes Incorporated
DXT5551P5 DIODES-DXT5551P5 Datasheet
135Kb / 7P
160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
DS32066 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
TSC966 TSC-TSC966 Datasheet
158Kb / 5P
NPN Silicon Planar High Voltage Transistor
logo
Diodes Incorporated
DXT5551P5 DIODES-DXT5551P5_15 Datasheet
137Kb / 7P
160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
Rev 3
DXT458P5 DIODES-DXT458P5_15 Datasheet
204Kb / 7P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR PowerDI짰5
Rev 1
DXTP560BP5 DIODES-DXTP560BP5_15 Datasheet
169Kb / 7P
500V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR POWERDI짰5
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com