Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT5551P5 Datasheet (PDF) - Diodes Incorporated

DXT5551P5 Datasheet PDF - Diodes Incorporated
Part # DXT5551P5
Download  DXT5551P5 Download
File Size   135.97 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5

DXT5551P5 Datasheet (PDF)

Go To PDF Page Download Datasheet
DXT5551P5 Datasheet PDF - Diodes Incorporated

Part # DXT5551P5
Download  DXT5551P5 Click to download

File Size   135.97 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5

DXT5551P5 Datasheet (HTML) - Diodes Incorporated


DXT5551P5 Product details

Features and Benefits
• 43% smaller than SOT223; 60% smaller than TO252
• Maximum height just 1.1mm
• Rated up to 2.25W
• BVCEO > 160V
• IC(cont) = 0.6A
• Lead Free, RoHS Compliant (Note 1)
• Halogen and Antimony Free, “Green” Device (Note 2)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Telecom line driver




Similar Part No. - DXT5551P5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT5551P5_1011 DIODES-DXT5551P5_1011 Datasheet
137Kb / 7P
160V NPN HIGH VOLTAGE TRANSISTOR
DS32066 Rev. 3 - 2
DXT5551P5 DIODES-DXT5551P5_15 Datasheet
137Kb / 7P
160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
Rev 3
More results


Similar Description - DXT5551P5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN5551FL ZETEX-ZXTN5551FL Datasheet
206Kb / 8P
160V, SOT23, NPN High voltage transistor
ZXTN5551G ZETEX-ZXTN5551G Datasheet
335Kb / 8P
160V, SOT223, NPN high voltage transistor
ZXTN5551Z ZETEX-ZXTN5551Z Datasheet
226Kb / 8P
160V, SOT89, NPN high voltage transistor
logo
Diodes Incorporated
DXT458P5 DIODES-DXT458P5 Datasheet
204Kb / 7P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR PowerDI짰5
DS32067 Rev. 1 - 2
DXT5551P5_1011 DIODES-DXT5551P5_1011 Datasheet
137Kb / 7P
160V NPN HIGH VOLTAGE TRANSISTOR
DS32066 Rev. 3 - 2
ZXTN5551FL DIODES-ZXTN5551FL Datasheet
218Kb / 8P
160V, SOT23, NPN High voltage transistor
AUGUST 2007
ZXTN5551G DIODES-ZXTN5551G Datasheet
346Kb / 8P
160V, SOT223, NPN high voltage transistor
AUGUST 2007
ZXTN5551Z DIODES-ZXTN5551Z Datasheet
237Kb / 8P
160V, SOT89, NPN high voltage transistor
AUGUST 2007
DXT5551P5 DIODES-DXT5551P5_15 Datasheet
137Kb / 7P
160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
Rev 3
DXT458P5 DIODES-DXT458P5_15 Datasheet
204Kb / 7P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR PowerDI짰5
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com