Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2301 Datasheet (PDF) - Analog Devices

ADP2301 Datasheet PDF - Analog Devices
Part # ADP2301
Download  ADP2301 Download
File Size   690.42 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator

ADP2301 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP2301 Datasheet PDF - Analog Devices

Part # ADP2301
Download  ADP2301 Click to download

File Size   690.42 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator

ADP2301 Datasheet (HTML) - Analog Devices


ADP2301 Product details

GENERAL DESCRIPTION
The ADP2300/ADP2301 are compact, constant-frequency, current-mode, step-down dc-to-dc regulators with integrated power MOSFET. The ADP2300/ADP2301 devices run from input voltages of 3.0 V to 20 V, making them suitable for a wide range of applications. A precise, low voltage internal reference makes these devices ideal for generating a regulated output voltage as low as 0.8 V, with ±2% accuracy, for up to 1.2 A load current.

FEATURES
    1.2 A maximum load current
    ±2% output accuracy over temperature range
    Wide input voltage range: 3.0 V to 20 V
    700 kHz (ADP2300) or 1.4 MHz (ADP2301) switching frequency options
    High efficiency up to 91%
    Current-mode control architecture
    Output voltage from 0.8 V to 0.85 × VIN
    Automatic PFM/PWM mode switching
    Precision enable pin with hysteresis
    Integrated high-side MOSFET
    Integrated bootstrap diode
    Internal compensation and soft start
    Minimum external components
    Undervoltage lockout (UVLO)
    Overcurrent protection (OCP) and thermal shutdown (TSD)
    Available in ultrasmall, 6-lead TSOT package
    Supported by ADIsimPower™ design tool

APPLICATIONS
    LDO replacement for digital load applications
    Intermediate power rail conversion
    Communications and networking
    Industrial and instrumentation
    Healthcare and medical
    Consumer




Similar Part No. - ADP2301

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2301 AD-ADP2301 Datasheet
2Mb / 32P
EVAL-AD7903SDZ User Guide UG-609
REV. 0
ADP2301-EVALZ AD-ADP2301-EVALZ Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2301AUJZ AD-ADP2301AUJZ Datasheet
2Mb / 32P
EVAL-AD7903SDZ User Guide UG-609
REV. 0
ADP2301AUJZ-R2 AD-ADP2301AUJZ-R2 Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2301AUJZ-R7 AD-ADP2301AUJZ-R7 Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
More results


Similar Description - ADP2301

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2302 AD-ADP2302 Datasheet
1,009Kb / 28P
2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. 0
ADP2301AUJZ-R7 AD-ADP2301AUJZ-R7 Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2302 AD-ADP2302_12 Datasheet
984Kb / 28P
2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2300AUJZ-R7 AD-ADP2300AUJZ-R7 Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
logo
Texas Instruments
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Texas Instruments
TPS563249 TI1-TPS563249 Datasheet
627Kb / 22P
17 V, 3 A, Constant 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS563249 TI1-TPS563249_18 Datasheet
670Kb / 21P
17-V, 3-A, Constant 1.4-MHz Synchronous Step-Down Voltage Regulator
TPS563240 TI1-TPS563240 Datasheet
748Kb / 24P
17-V, 3-A 1.4 MHz Synchronous Step-Down Voltage Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com