Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8586-00CP Datasheet (PDF) - Microsemi Corporation

LX8586-00CP Datasheet PDF - Microsemi Corporation
Part # LX8586-00CP
Download  LX8586-00CP Download
File Size   266.44 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 6A Low Dropout Positive Regulators

LX8586-00CP Datasheet (PDF)

Go To PDF Page Download Datasheet
LX8586-00CP Datasheet PDF - Microsemi Corporation

Part # LX8586-00CP
Download  LX8586-00CP Click to download

File Size   266.44 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 6A Low Dropout Positive Regulators

LX8586-00CP Datasheet (HTML) - Microsemi Corporation


LX8586-00CP Product details

DESCRIPTION
The LX8586/86A series ICs are low dropout three-terminal regulators with a minimum of 6A output current. Pentium® Processor, Power PCTM, Cyrix® 6x86TM and AMD-K5™ applications requiring fast transient response are ideally suited for this product family. The LX8586A is guaranteed to have < 1.1V at 6A and the LX8586 < 1.3V at 6A dropout voltage, making them ideal to provide well-regulated outputs of 2.5V to 3.6V using a 5V input supply. Fixed versions are also available and specified in the Available Options table below.

KEY FEATURES
◾ ThreeeTerminal Adjustable or Fixed Output
◾ Guaranteed < 1.1V Headroom at 6A (LX8586A)
◾ Guaranteed < 1.3V Headroom at 6A (LX8586)
◾ Output Current of 6A Minimum
◾ Fast Transient Response
◾ 1% Voltage Reference Initial Accuracy
◾ Output Short Circuit Protection
◾ Built in Thermal Shutdown
◾ Evaluation Board Available: Request LXE9001 Evaluation Kit

APPLICATIONS
◾ GTL+ Bus Terminators
◾ Pentium® Processor Supplies
◾ PowerPC® Supplies
◾ Microprocessor Supplies
◾ Low Voltage Logic Supplies
◾ Post Regulator for Switching Supply
◾ LXE9001 Evaluation Board for Pentium® Applications Available Consult Factory
◾ CYRIX® 6x86™
◾ AMD-K5™ and AMD-K6™




Similar Part No. - LX8586-00CP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8586-00CP MICROSEMI-LX8586-00CP Datasheet
198Kb / 7P
6A LOW DROPOUT POSITIVE REGULATORS
More results


Similar Description - LX8586-00CP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
5A LOW DROPOUT POSITIVE REGULATORS
LX8582A-XX MICROSEMI-LX8582A-XX Datasheet
199Kb / 7P
8.5A LOW DROPOUT POSITIVE REGULATORS
LX8586-XX MICROSEMI-LX8586-XX Datasheet
198Kb / 7P
6A LOW DROPOUT POSITIVE REGULATORS
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
4.6A Low Dropout Positive Regulators
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
5A Low Dropout Positive Regulators
logo
Advanced Power Electron...
APU1160 A-POWER-APU1160 Datasheet
72Kb / 5P
6A ULTRA LOW DROPOUT POSITIVE
logo
Microsemi Corporation
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
5A Low Dropout Positive Regulators
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
3A Low Dropout Positive Regulators
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com