Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP42 Datasheet (PDF) - Wing Shing Computer Components

TIP42 Datasheet PDF - Wing Shing Computer Components
Part # TIP42
Download  TIP42 Download
File Size   22.06 Kbytes
Page   2 Pages
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components
Description PNP EPITAXIAL SILICON TRANSISTOR(MEDIUM POWER LINEAR SWITCHING APPLICATIONS)

TIP42 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP42 Datasheet PDF - Wing Shing Computer Components

Part # TIP42
Download  TIP42 Click to download

File Size   22.06 Kbytes
Page   2 Pages
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components
Description PNP EPITAXIAL SILICON TRANSISTOR(MEDIUM POWER LINEAR SWITCHING APPLICATIONS)

TIP42 Datasheet (HTML) - Wing Shing Computer Components


TIP42 Product details

MEDIUM POWER LINEAR SWITCHING APPLICATIONS

•Complementary to TIP41/41A/41B/41C

Collector-Base Voltage :TIP41    VCBO   -40 V         
                          :TIP41A  VCBO  -60 V
                          :TIP41B  VCBO  -80 V
                          :TIP41C  VCBO  -100 V
Collector-EmitterVoltage :TIP41     VCEO     -40 V         
                           :TIP41A  VCEO      -60 V
                           :TIP41B  VCEO      -80 V
                           :TIP41C  VCEO      -100 V
Emitter-Base voltage             VEBO   -5 V




Similar Part No. - TIP42

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP42 MOSPEC-TIP42 Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
logo
Power Innovations Ltd
TIP42 POINN-TIP42 Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Samsung semiconductor
TIP42 SAMSUNG-TIP42 Datasheet
179Kb / 5P
PNP (MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
TIP42 FAIRCHILD-TIP42 Datasheet
36Kb / 4P
Medium Power Linear Switching Applications
logo
Boca Semiconductor Corp...
TIP42 BOCA-TIP42 Datasheet
25Kb / 2P
General Purpose Amplifier and Switching Applications
More results


Similar Description - TIP42

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
TIP41 WINGS-TIP41 Datasheet
25Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR(MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Samsung semiconductor
TIP126 SAMSUNG-TIP126 Datasheet
242Kb / 6P
PNP (MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
TIP42 SAMSUNG-TIP42 Datasheet
179Kb / 5P
PNP (MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
TIP30 FAIRCHILD-TIP30 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
TIP31 FAIRCHILD-TIP31 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
TIP32 FAIRCHILD-TIP32 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
TIP122 FAIRCHILD-TIP122 Datasheet
45Kb / 4P
Medium Power Linear Switching Applications
logo
JILIN SINO-MICROELECTRO...
TIP41C JSMC-TIP41C Datasheet
243Kb / 4P
Medium Power Linear Switching Applications
TIP42C JSMC-TIP42C Datasheet
251Kb / 4P
Medium Power Linear Switching Applications
logo
SHIKUES Electronics
2SB1132 SKTECHNOLGY-2SB1132 Datasheet
556Kb / 3P
PNP SILICON EPITAXIAL MEDIUM POWER TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com