Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP42 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # TIP42
Description  PNP EPITAXIAL SILICON TRANSISTOR(MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

TIP42 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  TIP42 Datasheet HTML 1Page - Wing Shing Computer Components TIP42 Datasheet HTML 2Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TIP42 SERIRES
(TIP42/42A/42B/42C)
PNP
EPITAXIAL SILICON TRANSISTOR
MEDIUM POWER LINEAR
SWITCHING APPLICATIONS
••••Complementary to TIP41/41A/41B/41C
TO-220
ABSOLUTE MAXIMUM RATINGS (Ta=25°C
CC
C)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
:TIP41
:TIP41A
:TIP41B
:TIP41C
Collector-EmitterVoltage :TIP41
:TIP41A
:TIP41B
:TIP41C
Emitter-Base voltage
Collector Current (DC)
Collector Current (Pulse)
Base Current (DC)
Collector Dissipation (Tc=25
°C)
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
IC
IB
PC
Tj
Tstg
-40
-60
-80
-100
-40
-60
-80
-100
-5
-6
-10
-2
65
150
-50~150
V
V
V
V
V
V
V
V
V
A
A
A
W
°C
°C
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com


Similar Part No. - TIP42

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP42 MOSPEC-TIP42 Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
logo
Power Innovations Ltd
TIP42 POINN-TIP42 Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Samsung semiconductor
TIP42 SAMSUNG-TIP42 Datasheet
179Kb / 5P
PNP (MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
TIP42 FAIRCHILD-TIP42 Datasheet
36Kb / 4P
Medium Power Linear Switching Applications
logo
Boca Semiconductor Corp...
TIP42 BOCA-TIP42 Datasheet
25Kb / 2P
General Purpose Amplifier and Switching Applications
More results

Similar Description - TIP42

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
TIP41 WINGS-TIP41 Datasheet
25Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR(MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Samsung semiconductor
TIP126 SAMSUNG-TIP126 Datasheet
242Kb / 6P
PNP (MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
TIP42 SAMSUNG-TIP42 Datasheet
179Kb / 5P
PNP (MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
TIP30 FAIRCHILD-TIP30 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
TIP31 FAIRCHILD-TIP31 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
TIP32 FAIRCHILD-TIP32 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
TIP122 FAIRCHILD-TIP122 Datasheet
45Kb / 4P
Medium Power Linear Switching Applications
logo
JILIN SINO-MICROELECTRO...
TIP41C JSMC-TIP41C Datasheet
243Kb / 4P
Medium Power Linear Switching Applications
TIP42C JSMC-TIP42C Datasheet
251Kb / 4P
Medium Power Linear Switching Applications
logo
SHIKUES Electronics
2SB1132 SKTECHNOLGY-2SB1132 Datasheet
556Kb / 3P
PNP SILICON EPITAXIAL MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com