Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM0831 Datasheet (PDF) - Wolfson Microelectronics plc

WM0831 Datasheet PDF - Wolfson Microelectronics plc
Part # WM0831
Download  WM0831 Download
File Size   535.5 Kbytes
Page   14 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 8-Bit ADCs with Serial Interface and Differential or Dual Inputs

WM0831 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM0831 Datasheet PDF - Wolfson Microelectronics plc

Part # WM0831
Download  WM0831 Click to download

File Size   535.5 Kbytes
Page   14 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 8-Bit ADCs with Serial Interface and Differential or Dual Inputs

WM0831 Datasheet (HTML) - Wolfson Microelectronics plc


WM0831 Product details

Description
WM0831 and WM0832 are 8-bit analogue to digital converters (ADC) with serial I/O interfaces, providing a choice of input configurations in 8-pin SO or DIP packages. WM0831 has a differential input, also configurable as a single ended input. A-D conversion results are serially output on Data Out (DO) under the control of clock and chip select inputs. The device has a separate voltage reference input.

Features
• Functionally Equivalent to National Semiconductor ADC0831 and ADC0832
• WM0831: Differential or single ended input
• WM0832: Two single ended inputs or a single differential input
• Ratiometric reference input (fixed for WM0832)
• Serial I/O interface
• Input range 0 to Vcc with Vcc Reference
• 8 pin package, SO or DIP
• 5V and 3.3V variants
• Total Unadjusted Error: ± 1 LSB
• 8-bit resolution
• 32 µs conversion time at fclock = 250 kHz

Applications
• Embedding with remote sensors
• Equipment health monitoring
• Automotive
• Industrial control




Similar Part No. - WM0831

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
WM0834CD WOLFSON-WM0834CD Datasheet
684Kb / 16P
8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
WM0834CN WOLFSON-WM0834CN Datasheet
684Kb / 16P
8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
WM0834ID WOLFSON-WM0834ID Datasheet
684Kb / 16P
8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
WM0834IN WOLFSON-WM0834IN Datasheet
684Kb / 16P
8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
More results


Similar Description - WM0831

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
MAX1032 MAXIM-MAX1032 Datasheet
724Kb / 31P
8-/4-Channel, 짹12V Multirange Inputs, Serial 14-Bit ADCs
Rev 1; 8/06
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1032_1112 MAXIM-MAX1032_1112 Datasheet
1Mb / 32P
8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1377 MAXIM-MAX1377 Datasheet
2Mb / 25P
Dual, 12-Bit, 1.25Msps Simultaneous-Sampling ADCs with Serial Interface
19-4126; Rev 1; 2/09
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com