Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD3890S Datasheet (PDF) - Solid States Devices, Inc

SPD3890S Datasheet PDF - Solid States Devices, Inc
Part # SPD3890S
Download  SPD3890S Download
File Size   163.89 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 12 A, 120 nsec, 50-400 V Fast Recovery Rectifier

SPD3890S Datasheet (PDF)

Go To PDF Page Download Datasheet
SPD3890S Datasheet PDF - Solid States Devices, Inc

Part # SPD3890S
Download  SPD3890S Click to download

File Size   163.89 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 12 A, 120 nsec, 50-400 V Fast Recovery Rectifier

SPD3890S Datasheet (HTML) - Solid States Devices, Inc




Similar Part No. - SPD3890S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD3899 SSDI-SPD3899 Datasheet
75Kb / 2P
20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
More results


Similar Description - SPD3890S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5415 SSDI-SPD5415 Datasheet
158Kb / 2P
3 AMPS 50 - 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER
SPD6627 SSDI-SPD6627 Datasheet
99Kb / 2P
4 AMPS, 400 thru 600 VOLTS 30 nsec HYPER FAST RECOVERY RECTIFIER
1N3909 SSDI-1N3909 Datasheet
101Kb / 2P
30A, 200nsec, 50-400 V Fast Recovery Rectifier
SHF1304 SSDI-SHF1304 Datasheet
138Kb / 2P
3 AMP, 400 - 800 Volts 40 - 50 nsec, Hyper Fast Rectifier
SDR4GSMS SSDI-SDR4GSMS Datasheet
217Kb / 2P
3 AMP 400-1200 VOLTS 50-80 nsec ULTRA FAST RECTIFIER
SPD3909 SSDI-SPD3909 Datasheet
75Kb / 2P
30A, 200nsec, 50-400 V Fast Recovery Rectifier
1N3879 SSDI-1N3879 Datasheet
201Kb / 2P
6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
SPD3899 SSDI-SPD3899 Datasheet
75Kb / 2P
20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
logo
STMicroelectronics
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
logo
ON Semiconductor
MURS230 ONSEMI-MURS230 Datasheet
131Kb / 6P
Power Rectifier, Ultra-Fast Recovery, 2 A, 300-400 V
April, 2023 - Rev. 10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com