Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8711L Datasheet (PDF) - Wolfson Microelectronics plc

WM8711L Datasheet PDF - Wolfson Microelectronics plc
Part # WM8711L
Download  WM8711L Download
File Size   128.0 Kbytes
Page   2 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description portable digital audio solutions

WM8711L Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8711L Datasheet PDF - Wolfson Microelectronics plc

Part # WM8711L
Download  WM8711L Click to download

File Size   128.0 Kbytes
Page   2 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description portable digital audio solutions

WM8711L Datasheet (HTML) - Wolfson Microelectronics plc


WM8711L Product details

productfeatures
> cd quality audio performance
   » dac 100dB snr, 88dB thd (‘A’ weighted @ 48kHz)
   » adc 97dB snr, 85dB thd (WM8731 only)
> independent stereo line and headphone outputs
   » headphone output power: 40mW on 16Ω load
   » volume and mute controls
> low supply voltage
   » 1.42 – 3.6V digital supply
   » 1.8 – 3.6V analogue supply for low-voltage parts
   » 2.7 – 3.6V analogue supply for standard parts
> very low power
   » playback only: 9mW @ 1.8V, 18mW @ 3.3V
   » simultaneous playback & record: 18mW @ 1.8V, 36mW @ 3.3V
   » standby: 30µW
> programmable sample rates :: 8, 32, 44.1, 48, 88.2, 96kHz
> on-chip clock generator (WM8711 and WM8731 only)
> programmable audio data interface
   » i2s, left/right justified or dsp modes
   » 16/20/24/32-bit word lengths
   » master or slave clocking mode
> 2 or 3-wire serial control interface
> temperature range :: –10°C to +70°C

productapplications
> mp3 players and recorders
> mobile information devices
> palmtops
> web browsers
> mobile phones with mp3
> digital camcorders and cameras
> usb headsets
>> all battery powered systems incorporating digital audio




Similar Part No. - WM8711L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711L WOLFSON-WM8711L Datasheet
536Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711L WOLFSON-WM8711L Datasheet
498Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711LGEFL WOLFSON-WM8711LGEFL Datasheet
445Kb / 44P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711LGEFL/R WOLFSON-WM8711LGEFL/R Datasheet
445Kb / 44P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711L WOLFSON-WM8711L_11 Datasheet
445Kb / 44P
Internet Audio DAC with Integrated Headphone Amplifier
More results


Similar Description - WM8711L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C4X TI-TMS320C4X Datasheet
1Mb / 726P
Digital Signal Processing Solutions
logo
New Japan Radio
NJM2776 NJRC-NJM2776 Datasheet
611Kb / 10P
Headphone Amplifier for Portable Audio
logo
Asahi Kasei Microsystem...
AKD5355 AKM-AKD5355_06 Datasheet
223Kb / 19P
portable digital audio 16bit A/D converter
AKD5702-A AKM-AKD5702-A Datasheet
1Mb / 33P
portable digital audio 16bit A/D converter
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
NXP Semiconductors
TFA9879 NXP-TFA9879 Datasheet
1Mb / 60P
Mono BTL class-D audio amplifier for portable applications with digital input
Rev. 02-15 October 2010
logo
Leshan Radio Company
LESD7D3.3T5G LRC-LESD7D3.3T5G_12 Datasheet
271Kb / 4P
Cellular phones audio Digital cameras Portable applicationss
logo
Honeywell Solid State E...
HMR3300 HONEYWELL-HMR3300 Datasheet
196Kb / 11P
Digital Compass Solutions
logo
Honeywell Accelerometer...
HMR3300-D00-232 HONEYWELL-ACC-HMR3300-D00-232 Datasheet
187Kb / 11P
Digital Compass Solutions
logo
Microchip Technology
AN1427 MICROCHIP-AN1427 Datasheet
714Kb / 12P
High-Efficiency Solutions for Portable LED Lighting
11/29/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com