Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8711L Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8711L
Description  portable digital audio solutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711L Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8711L Datasheet HTML 1Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 2Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.wolfsonmicro.com
------------------------------------------------------------------------------------
wolfson microelectronics :: leading world experts in the design of signal processing electronics_
Wolfson’s new family of audio ICs for portable applications offers highly integrated, DSP
independent solutions that deliver CD quality sound at very low power consumption. The family
includes a full audio codec, WM8731, and two DACs, WM8711 and WM8721. All three devices
incorporate a powerful headphone amplifier whose output volume can be digitally controlled.
Each IC is available as a standard or low voltage part, operating at supply voltages down to
1.42V (digital) and 1.8V (analogue).
Using a unique USB clocking scheme, these ICs can generate 44.1kHz, 48kHz, 96kHz and other
commonly used sample rates directly from a 12 or 24MHz clock, eliminating the need for a PLL
in applications such as MP3 players. The WM8711 and WM8731 are pin-compatible and feature
an on-chip clock oscillator to supply the system clock.
Wolfson’s portable audio ICs have a very flexible audio interface which can interface to any
industry standard DSP or other digital audio chip, thereby providing designers with a higher
degree of flexibility.
device
WM8721
WM8721L
WM8711
WM8711L
WM8731
WM8731L
device type
dac
dac (low voltage)
dac
dac (low voltage)
codec
codec (low voltage)
digital supply voltage
1.42V – 3.6V
1.42V – 3.6V
1.42V – 3.6V
1.42V – 3.6V
1.42V – 3.6V
1.42V – 3.6V
analogue supply voltage
2.7V – 3.6V
1.8V – 3.6V
2.7V – 3.6V
1.8V – 3.6V
2.7V – 3.6V
1.8V – 3.6V
analogue line-in
no
no
yes
yes
yes
yes
microphone input
no
no
no
no
yes
yes
on-chip clock generator
no
no
yes
yes
yes
yes
package
20-pin SSOP
20-pin SSOP
28-pin SSOP
28-pin SSOP
28-pin SSOP
28-pin SSOP
-----------------------------------------------------------------------------------------------------------------------------------------------------
-----------------------------------------------------------------------------------------------------------------------------------------------------
-------------------------------------------------------------------------------------------------
AUDIO DACs AND CODECS
FOR BATTERY-POWERED APPLICATIONS
productbenefits
portable digital audio solutions
WM8711 WM8721 WM8731
long battery life
cd sound quality
powerful headphone
amplifier
highly integrated solution
dsp independent


Similar Part No. - WM8711L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711L WOLFSON-WM8711L Datasheet
536Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711L WOLFSON-WM8711L Datasheet
498Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711LGEFL WOLFSON-WM8711LGEFL Datasheet
445Kb / 44P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711LGEFL/R WOLFSON-WM8711LGEFL/R Datasheet
445Kb / 44P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711L WOLFSON-WM8711L_11 Datasheet
445Kb / 44P
Internet Audio DAC with Integrated Headphone Amplifier
More results

Similar Description - WM8711L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C4X TI-TMS320C4X Datasheet
1Mb / 726P
Digital Signal Processing Solutions
logo
New Japan Radio
NJM2776 NJRC-NJM2776 Datasheet
611Kb / 10P
Headphone Amplifier for Portable Audio
logo
Asahi Kasei Microsystem...
AKD5355 AKM-AKD5355_06 Datasheet
223Kb / 19P
portable digital audio 16bit A/D converter
AKD5702-A AKM-AKD5702-A Datasheet
1Mb / 33P
portable digital audio 16bit A/D converter
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
NXP Semiconductors
TFA9879 NXP-TFA9879 Datasheet
1Mb / 60P
Mono BTL class-D audio amplifier for portable applications with digital input
Rev. 02-15 October 2010
logo
Leshan Radio Company
LESD7D3.3T5G LRC-LESD7D3.3T5G_12 Datasheet
271Kb / 4P
Cellular phones audio Digital cameras Portable applicationss
logo
Honeywell Solid State E...
HMR3300 HONEYWELL-HMR3300 Datasheet
196Kb / 11P
Digital Compass Solutions
logo
Honeywell Accelerometer...
HMR3300-D00-232 HONEYWELL-ACC-HMR3300-D00-232 Datasheet
187Kb / 11P
Digital Compass Solutions
logo
Microchip Technology
AN1427 MICROCHIP-AN1427 Datasheet
714Kb / 12P
High-Efficiency Solutions for Portable LED Lighting
11/29/11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com