Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8716 Datasheet (PDF) - Wolfson Microelectronics plc

WM8716 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8716
Download  WM8716 Download
File Size   351.78 Kbytes
Page   21 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description High Performance 24-bit, 192kHz Stereo DAC

WM8716 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8716 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8716
Download  WM8716 Click to download

File Size   351.78 Kbytes
Page   21 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description High Performance 24-bit, 192kHz Stereo DAC

WM8716 Datasheet (HTML) - Wolfson Microelectronics plc


WM8716 Product details

DESCRIPTION

The WM8716 is a high performance stereo DAC designed for audio applications such as CD, DVD, home theatre systems, set top boxes and digital TV. The WM8716 supports data input word lengths from 16 to 24-bits and sampling rates up to 192kHz. The WM8716 consists of a serial interface port, digital interpolation filter, multi-bit sigma delta modulator and stereo DAC in a small 28-lead SSOP package. The WM8716 also includes a digitally controllable mute and attenuator function on each channel.



FEATURES

• 112dB SNR (‘A’ weighted @ 48kHz), THD: -97dB @  -1dB FS

• Sampling frequency: 8kHz to 192kHz

• Selectable digital filter roll-off

• Optional interface to industry standard external filters

• Differential mono mode

• Input data word: 16 to 24-bit

• Hardware or SPI compatible serial port control modes:

− Hardware mode: mute, de-emphasis, audio format control

− Serial mode: mute, de-emphasis, attenuation (256 steps), phase reversal

• Compatible upgrade to PCM1716



APPLICATIONS

• CD, DVD audio

• Home theatre systems

• Set top boxes

• Digital TV




Similar Part No. - WM8716

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8716 WOLFSON-WM8716 Datasheet
334Kb / 27P
High Performance 24-bit, 192kHz Stereo DAC
logo
Cirrus Logic
WM8716 CIRRUS-WM8716 Datasheet
507Kb / 26P
High Performance 24-bit, 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8716SEDS WOLFSON-WM8716SEDS Datasheet
334Kb / 27P
High Performance 24-bit, 192kHz Stereo DAC
WM8716SEDS/R WOLFSON-WM8716SEDS/R Datasheet
334Kb / 27P
High Performance 24-bit, 192kHz Stereo DAC
WM8716SEDS/RV WOLFSON-WM8716SEDS/RV Datasheet
507Kb / 26P
High Performance 24-bit, 192kHz Stereo DAC
More results


Similar Description - WM8716

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
WM8740 WOLFSON-WM8740 Datasheet
344Kb / 20P
24-bit, High Performance 192kHz Stereo DAC
WM8716 WOLFSON-WM8716_06 Datasheet
334Kb / 27P
High Performance 24-bit, 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_04 Datasheet
455Kb / 24P
24-bit, High Performance 192kHz Stereo DAC
WM8716 WOLFSON-WM8716_08 Datasheet
507Kb / 26P
High Performance 24-bit, 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_10 Datasheet
495Kb / 27P
24-bit, High Performance 192kHz Stereo DAC
logo
Cirrus Logic
WM8716 CIRRUS-WM8716 Datasheet
507Kb / 26P
High Performance 24-bit, 192kHz Stereo DAC
WM8740 CIRRUS-WM8740 Datasheet
495Kb / 27P
24-bit, High Performance 192kHz Stereo DAC
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com