Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8740 Datasheet (PDF) - Wolfson Microelectronics plc

WM8740 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8740
Download  WM8740 Download
File Size   344.48 Kbytes
Page   20 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, High Performance 192kHz Stereo DAC

WM8740 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8740 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8740
Download  WM8740 Click to download

File Size   344.48 Kbytes
Page   20 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, High Performance 192kHz Stereo DAC

WM8740 Datasheet (HTML) - Wolfson Microelectronics plc


WM8740 Product details

DESCRIPTION
The WM8740 is a very high performance stereo DAC designed for audio applications such as CD, DVD, home theatre systems, set top boxes and digital TV. The WM8740 supports data input word lengths from 16 to 24-bits and sampling rates up to 192kHz. The WM8740 consists of a serial interface port, digital interpolation filter, multi-bit sigma delta modulator and stereo DAC in a small 28-pin SSOP package. The WM8740 also includes a digitally controllable mute and attenuator function on each channel.

FEATURES
• 120dB SNR (‘A’ weighted mono @48kHz), THD+N: -104dB @ FS
• 117dB SNR (‘A’ weighted stereo @48kHz), THD+N: -104dB @ FS
• Sampling frequency: 8kHz to 192kHz
• Selectable digital filter roll-off
• Optional interface to industry standard external filters
• Differential mono mode needing no glue logic
• Input data word: 16 to 24-bit
• Hardware or SPI compatible serial port control modes:
    • Hardware mode: mute, de-emphasis, audio format control
    • Serial mode: mute, de-emphasis, attenuation (256 steps), phase reversal
• Fully differential voltage outputs

APPLICATIONS
• CD, DVD audio
• Home theatre systems
• Professional audio systems




Similar Part No. - WM8740

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8740 WOLFSON-WM8740 Datasheet
455Kb / 24P
24-bit, High Performance 192kHz Stereo DAC
logo
Cirrus Logic
WM8740 CIRRUS-WM8740 Datasheet
495Kb / 27P
24-bit, High Performance 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8740EDS WOLFSON-WM8740EDS Datasheet
455Kb / 24P
24-bit, High Performance 192kHz Stereo DAC
WM8740SEDS WOLFSON-WM8740SEDS Datasheet
455Kb / 24P
24-bit, High Performance 192kHz Stereo DAC
WM8740SEDS/RV WOLFSON-WM8740SEDS/RV Datasheet
495Kb / 27P
24-bit, High Performance 192kHz Stereo DAC
More results


Similar Description - WM8740

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8716 WOLFSON-WM8716 Datasheet
351Kb / 21P
High Performance 24-bit, 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
WM8716 WOLFSON-WM8716_06 Datasheet
334Kb / 27P
High Performance 24-bit, 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_04 Datasheet
455Kb / 24P
24-bit, High Performance 192kHz Stereo DAC
WM8716 WOLFSON-WM8716_08 Datasheet
507Kb / 26P
High Performance 24-bit, 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_10 Datasheet
495Kb / 27P
24-bit, High Performance 192kHz Stereo DAC
logo
Cirrus Logic
WM8716 CIRRUS-WM8716 Datasheet
507Kb / 26P
High Performance 24-bit, 192kHz Stereo DAC
WM8740 CIRRUS-WM8740 Datasheet
495Kb / 27P
24-bit, High Performance 192kHz Stereo DAC
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com