Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8740 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8740 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8740 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Advanced Information
WM8740
WOLFSON MICROELECTRONICS LTD
AI Rev 1.7 July 2000
3
PIN
NAME
TYPE
DESCRIPTION
Hardware Mode
Normal Mode
Differential Mode
8X Mode
Software
Mode
23
CSBIWO
Digital input
Internal pull-down
Wordlength:
Low for 16-bit data.
High for 20-bit
(normal) or 24-bit
I
2S data.
Wordlength:
Low for 16-bit data.
High for 20-bit
(normal) or 24-bit
I
2S data.
Wordlength:
Low for 20-bit data.
High for 24-bit data.
Low for
serial
interface
operation.
24
MODE
Digital input
Internal pull-up
Low for hardware
mode.
Low for left
mono mode.
High for right
mono mode
DINR
High for
software
mode.
25
MUTEB
Digital input
Internal pull-up
Low to soft mute.
High for normal
operation.
Low to soft mute.
High for normal
operation.
Low to soft mute.
High for normal
operation.
Low to
soft mute.
High for
normal
operation.
26
MD/DM0
Digital input
Internal pull-up
De-emphasis mode
select bit 0.
Low for no
de-emphasis.
High for 44.1kHz
de-emphasis.
LRP – LRCLK
polarity select.
Control serial
interface
data signal.
27
MC/DM1
Digital input
Internal pull-up
De-emphasis mode
select bit 1.
Low for normal filter
operation.
High for filter slow
roll-off.
Unused.
Leave unconnected.
Control serial
interface
clock signal.
28
ML/I2S
Digital input
Internal pull-up
Audio serial format:
Low – right justified.
High – I
2S.
Audio serial format:
Low – right justified.
High – I
2S.
Input data format:
Low – right justified.
High – left justified.
Control serial
interface
load signal.
Note:
Digital input pins have Schmitt trigger input buffers.
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
CONDITION
MIN
MAX
Supply voltage
-0.3V
+7.0V
Reference input
VDD + 0.3V
Operating temperature range, TA
-25°C+85°C
Storage temperature
-65°C
+150°C
Package body temperature (soldering, 10 seconds)
+240°C
Package body temperature (soldering, 2 minutes)
+183°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com