Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8740 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8740 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8740 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
WM8740
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 1.7 July 2000
10
DE-EMPHASIS CONTROL
MDDM1
PIN 27
MCDMO
PIN 26
DE-EMPHASIS
LL
Off
L
H
48kHz
H
L
44.1kHz
H
H
32kHz
Table 2 De-Emphasis Control
AUDIO INPUT FORMAT
ML/I2S
PIN 28
CSBIWO
PIN 23
DATA FORMAT
L
L
16 bit normal right
justified
L
H
20 bit normal right
justified
H
L
16 bit I
2S
H
H
24 bit I
2S
Table 3 Audio Input Format
SOFT MUTE
MUTEB
PIN 25
FUNCTION
L
Mute On (no output)
H
Mute Off (normal operation)
Table 4 Soft Mute
A logic low on the MUTEB pin will cause the attenuation to ramp to infinite attenuation at a rate of
128/fs seconds per 0.5dB step. Setting MUTEB high will cause the attenuation to ramp back to its
previous value.
SOFTWARE CONTROL INTERFACE
The WM8740 can be controlled using a 3-wire serial interface. MD/DM0 (pin 26) is used for the
program data, MC/DM1 (pin 22) is used to clock in the program data and ML/I2S (pin 28) is use to
latch in the program data. The 3-wire interface protocol is shown in Figure 6. CSB/IWO (pin 23) must
be low when writing.
ML/I2S (PIN 28)
MC/DM1 (PIN 27)
MD/DM0 (PIN 26)
B15
B14
B13
B2
B1
B0
Figure 6 Three-Wire Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com