Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8740 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8740 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8740 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
WM8740
24-bit, High Performance 192kHz Stereo DAC
Advanced Information, July 2000, Rev 1.7
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Advanced Information data sheets contain
preliminary data on new products in the
preproduction phase of development.
Supplementary data will be published at a
later date.
2000 Wolfson Microelectronics Ltd
.
DESCRIPTION
The WM8740 is a very high performance stereo DAC
designed for audio applications such as CD, DVD, home
theatre systems, set top boxes and digital TV. The WM8740
supports data input word lengths from 16 to 24-bits and
sampling rates up to 192kHz. The WM8740 consists of a
serial interface port, digital interpolation filter, multi-bit sigma
delta modulator and stereo DAC in a small 28-pin SSOP
package. The WM8740 also includes a digitally controllable
mute and attenuator function on each channel.
The
internal
digital
filter
has
two
selectable
roll-off
characteristics. A sharp or slow roll-off can be selected
dependent on application requirements. Additionally, the
internal digital filter can be by-passed and the WM8740
used with an external digital filter.
The WM8740 supports two connection schemes for audio
DAC
control.
The
SPI-compatible
serial
control
port
provides access to a wide range of features including on-
chip mute, attenuation and phase reversal. A hardware
controllable interface is also available.
FEATURES
•
120dB SNR (‘A’ weighted mono @48kHz), THD+N: -104dB
@ FS
•
117dB SNR (‘A’ weighted stereo @48kHz), THD+N: -104dB
@ FS
•
Sampling frequency: 8kHz to 192kHz
•
Selectable digital filter roll-off
•
Optional interface to industry standard external filters
•
Differential mono mode needing no glue logic
•
Input data word: 16 to 24-bit
•
Hardware or SPI compatible serial port control modes:
•
Hardware mode: mute, de-emphasis, audio format
control
•
Serial mode: mute, de-emphasis, attenuation (256
steps), phase reversal
•
Fully differential voltage outputs
APPLICATIONS
•
CD, DVD audio
•
Home theatre systems
•
Professional audio systems
BLOCK DIAGRAM
SERIAL
INTERFACE
MUTE/
ATTEN
CONTROL INTERFACE
BCKIN (3)
(12) VOUTRP
SIGMA
DELTA
MODULATOR
LRCIN (1)
DIN (2)
AGNDR
(10)
AVDDR
(9)
MUTE/
ATTEN
SIGMA
DELTA
MODULATOR
DIGITAL
FILTERS
MODE8X
(4)
MUX
(8)
DVDD
(15)
AVDD
(14)
AGND
(7)
DGND
MUTEB
(25)
DIFFHW
(6)
MD/DM0
(26)
MC/DM1
(27)
ML/I2S
(28)
MODE
(24)
CSBIWO
(23)
RSTB
(22)
ZERO
(21)
LOW
PASS
FILTER
LOW
PASS
FILTER
(11) VMIDR
MUX
(18) VMIDL
RIGHT
DAC
LEFT
DAC
(19)
AGNDL
(20)
AVDDL.
WM8740
SCLK (5)
(16) VOUTLN
(13) VOUTRN
(17) VOUTLP


Similar Part No. - WM8740

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8740 WOLFSON-WM8740 Datasheet
455Kb / 24P
24-bit, High Performance 192kHz Stereo DAC
logo
Cirrus Logic
WM8740 CIRRUS-WM8740 Datasheet
495Kb / 27P
24-bit, High Performance 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8740EDS WOLFSON-WM8740EDS Datasheet
455Kb / 24P
24-bit, High Performance 192kHz Stereo DAC
WM8740SEDS WOLFSON-WM8740SEDS Datasheet
455Kb / 24P
24-bit, High Performance 192kHz Stereo DAC
WM8740SEDS/RV WOLFSON-WM8740SEDS/RV Datasheet
495Kb / 27P
24-bit, High Performance 192kHz Stereo DAC
More results

Similar Description - WM8740

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8716 WOLFSON-WM8716 Datasheet
351Kb / 21P
High Performance 24-bit, 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
WM8716 WOLFSON-WM8716_06 Datasheet
334Kb / 27P
High Performance 24-bit, 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_04 Datasheet
455Kb / 24P
24-bit, High Performance 192kHz Stereo DAC
WM8716 WOLFSON-WM8716_08 Datasheet
507Kb / 26P
High Performance 24-bit, 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_10 Datasheet
495Kb / 27P
24-bit, High Performance 192kHz Stereo DAC
logo
Cirrus Logic
WM8716 CIRRUS-WM8716 Datasheet
507Kb / 26P
High Performance 24-bit, 192kHz Stereo DAC
WM8740 CIRRUS-WM8740 Datasheet
495Kb / 27P
24-bit, High Performance 192kHz Stereo DAC
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com