Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8740 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8740 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8740 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
WM8740
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 1.7 July 2000
14
DIFFERENTIAL MONO MODE
Using bits 4 and 5, the differential output mode may be selected to be one of normal stereo, reversed
stereo, mono left or mono right, as shown in Table 19.
DIFF[1:0]
B[4:5])
DIFFERENTIAL OUTPUT MODE
00
Stereo
01
Stereo reverse.
10
Mono left – differential outputs.
VOUTL is left channel.
VOUTR is the negative of left channel.
11
Mono right – differential outputs.
VOUTL is the negative right channel.
VOUTR is right channel.
Table 19 Differential Output Modes
Using these controls a pair of WM8740 devices may be used to build a dual differential stereo
implementation with higher performance and differential output.
Note: DIFFHW mode pin may be used to achieve the same result by hardware means.
CLOCK LOSS DETECTOR DISABLE
CDD (REG4, B6)
L
Clock loss detector on
R
Clock loss detector off
Table 20 Clock Loss Detector Disable
When the system clock is inactive for approximately 100
µs, the clock loss detector circuit detects the
loss of clock and the analogue circuitry is forced into a mute condition and the digital filters reset.
Setting the CDD bit disables this behaviour.
MUTE MODES
The device has various mute modes.
ANALOGUE
DIGITAL FILTER
ANRES
ANMUTE
Reg bit OPE = ‘1’
Unaffected
Asserted
MUTEB pin
Gain ramped to zero
On release volume ramps
to previous value
Asserted when
gain = 0
AUTOMUTE
(detect 1024 zero
input samples)
Automute has no effect on digital
filters
Asserted after
1024 zero input
samples if IZD = 1
Reg bit MUT
As MUTEB pin
As MUTEB pin
Gain = 00
(left & right)
Gain = -
∞dB
Asserted
RAM initialise
Gain initialised to 0dB
Asserted
Loss of system
clock
Not running (no clock). On clock
restart, filters initialised, RAM
initialised. Registers unchanged
Asserted
Asserted
No LRCLK or invalid
SCLK/LRCLK ratio
Filters initialised, RAM initialised.
Registers unchanged
Asserted
Asserted
RB
Reset – gain initialised to 0dB
Asserted
Asserted
Power-on reset
Reset
Asserted
Asserted
Table 21 Mute Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com