Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C50A Datasheet (PDF) - Won-Top Electronics

C50A Datasheet PDF - Won-Top Electronics
Part # C50A
Download  C50A Download
File Size   23.8 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 50A AUTOMOTIVER RECTIFIER CELL

C50A Datasheet (PDF)

Go To PDF Page Download Datasheet
C50A Datasheet PDF - Won-Top Electronics

Part # C50A
Download  C50A Click to download

File Size   23.8 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 50A AUTOMOTIVER RECTIFIER CELL

C50A Datasheet (HTML) - Won-Top Electronics


C50A Product details

Features
● Diffused Junction
● Low Leakage
● Low Cost
● High Surge Current Capability
● Die Size 220 mil HEX




Similar Part No. - C50A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C50A WTE-C50A Datasheet
42Kb / 2P
50A AUTOMOTIVE CELL DIODE
logo
Micronetics, Inc.
C50A MICRONETICS-C50A Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
logo
Won-Top Electronics
C50A WTE-C50A Datasheet
31Kb / 2P
50A AUTOMOTIVE CELL DIODE
logo
Anaren Microwave
C50A50Z4 ANAREN-C50A50Z4 Datasheet
390Kb / 2P
Surface Mount Termination 50 Watts, 50廓
C50A50Z4 ANAREN-C50A50Z4 Datasheet
212Kb / 3P
Surface Mount Termination 50 Watts, 50廓
More results


Similar Description - C50A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
CN18A EIC-CN18A Datasheet
39Kb / 2P
CELL RECTIFIER DIODES
logo
Won-Top Electronics
C50A WTE-C50A_06 Datasheet
42Kb / 2P
50A AUTOMOTIVE CELL DIODE
C5020 WTE-C5020 Datasheet
42Kb / 2P
50A AVALANCHE AUTOMOTIVE CELL DIODE
logo
Digitron Semiconductors
MUR5005 DIGITRON-MUR5005 Datasheet
156Kb / 3P
50A SCHOTTKY RECTIFIER
logo
NTE Electronics
NTE53020 NTE-NTE53020 Datasheet
66Kb / 2P
Silicon Bridge Rectifier, 50A
logo
Naina Semiconductor ltd...
NP5020R NAINA-NP5020R Datasheet
117Kb / 2P
TVS Auto Rectifier, 50A
logo
Won-Top Electronics
C50A WTE-C50A_14 Datasheet
31Kb / 2P
50A AUTOMOTIVE CELL DIODE
C5020 WTE-C5020_14 Datasheet
31Kb / 2P
50A AVALANCHE AUTOMOTIVE CELL DIODE
logo
Fairchild Semiconductor
RHRG5060_F085 FAIRCHILD-RHRG5060_F085 Datasheet
416Kb / 6P
50A, 600V Hyperfast Rectifier
logo
Naina Semiconductor ltd...
NP5020 NAINA-NP5020 Datasheet
117Kb / 2P
TVS Auto Rectifier, 50A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com