Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C50A Datasheet (PDF) - Micronetics, Inc.

C50A Datasheet PDF - Micronetics, Inc.
Part # C50A
Download  C50A Download
File Size   270.34 Kbytes
Page   1 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 5.0 to 9.0 GHz

C50A Datasheet (PDF)

Go To PDF Page Download Datasheet
C50A Datasheet PDF - Micronetics, Inc.

Part # C50A
Download  C50A Click to download

File Size   270.34 Kbytes
Page   1 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 5.0 to 9.0 GHz

C50A Datasheet (HTML) - Micronetics, Inc.


C50A Product details

Specifications
   RF Frequency 5.0 to 9.0 GHz
   LO Frequency 5.0 to 9.0 GHz
   LO Power +13 dBm typ




Similar Part No. - C50A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C50A WTE-C50A Datasheet
23Kb / 2P
50A AUTOMOTIVER RECTIFIER CELL
C50A WTE-C50A Datasheet
42Kb / 2P
50A AUTOMOTIVE CELL DIODE
C50A WTE-C50A Datasheet
31Kb / 2P
50A AUTOMOTIVE CELL DIODE
logo
Anaren Microwave
C50A50Z4 ANAREN-C50A50Z4 Datasheet
390Kb / 2P
Surface Mount Termination 50 Watts, 50廓
C50A50Z4 ANAREN-C50A50Z4 Datasheet
212Kb / 3P
Surface Mount Termination 50 Watts, 50廓
More results


Similar Description - C50A

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B50A MICRONETICS-B50A Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50H MICRONETICS-B50H Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50K MICRONETICS-B50K Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50V MICRONETICS-B50V Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B90A MICRONETICS-B90A Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
B90H MICRONETICS-B90H Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
B90K MICRONETICS-B90K Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
B90V MICRONETICS-B90V Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
C50H MICRONETICS-C50H Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
C50K MICRONETICS-C50K Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com