Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B90K Datasheet (PDF) - Micronetics, Inc.

B90K Datasheet PDF - Micronetics, Inc.
Part # B90K
Download  B90K Download
File Size   334.12 Kbytes
Page   2 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 9.0 to 16.0 GHz

B90K Datasheet (PDF)

Go To PDF Page Download Datasheet
B90K Datasheet PDF - Micronetics, Inc.

Part # B90K
Download  B90K Click to download

File Size   334.12 Kbytes
Page   2 Pages
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.
Description Double Balanced Mixers 9.0 to 16.0 GHz

B90K Datasheet (HTML) - Micronetics, Inc.




Similar Part No. - B90K

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B900 PULSE-B900 Datasheet
128Kb / 2P
XDSL SPLITTER FILTER MODULE
logo
EPCOS
B9000 EPCOS-B9000 Datasheet
59Kb / 5P
Low-Loss Filter for Mobile Communication
B9001 EPCOS-B9001 Datasheet
111Kb / 10P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
logo
OKW Enclosures Ltd
B9002007 METCASE-B9002007 Datasheet
197Kb / 2P
BOX, MINITEC LAVA/GREEN RoHS : Compliant
B9002008 METCASE-B9002008 Datasheet
197Kb / 2P
BOX, MINITEC LAVA/GREEN RoHS : Compliant
More results


Similar Description - B90K

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B30A MICRONETICS-B30A Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B30K MICRONETICS-B30K Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B90A MICRONETICS-B90A Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
B90H MICRONETICS-B90H Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
B90V MICRONETICS-B90V Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
C50A MICRONETICS-C50A Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
C50H MICRONETICS-C50H Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
C50K MICRONETICS-C50K Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com