Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B90K Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # B90K
Description  Double Balanced Mixers 9.0 to 16.0 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

B90K Datasheet(HTML) 1 Page - Micronetics, Inc.

  B90K Datasheet HTML 1Page - Micronetics, Inc. B90K Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double Balanced Mixers
B90K
9.0 to 16.0 GHz
Specifications
RF Frequency
9.0 to 16.0 GHz
LO Frequency
10.0 to 17.0 GHz
LO Power
+10 dBm typ
Transfer Characteristics
Conversion Loss
5.5 dB typ
7.0 dB max
IF Frequency
DC to 3.0 GHz
LO to RF Isolation
25 dB min
35 dB typ
LO to IF Isolation
20 dB min
35 dB typ
IP3 In
+14 dBm typ
P1dB In
+4 dBm typ
Available Package Styles
Available Package Styles
W1,X,Y,Z
Environmental Ratings
Operating Temp
-55 °C to 100 °C
Notes
Specifications subject to change without notice
Mica Microwave | Manteca, CA | 1-209-825-3977 | www.Mica-MW.com


Similar Part No. - B90K

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B900 PULSE-B900 Datasheet
128Kb / 2P
XDSL SPLITTER FILTER MODULE
logo
EPCOS
B9000 EPCOS-B9000 Datasheet
59Kb / 5P
Low-Loss Filter for Mobile Communication
B9001 EPCOS-B9001 Datasheet
111Kb / 10P
SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
logo
OKW Enclosures Ltd
B9002007 METCASE-B9002007 Datasheet
197Kb / 2P
BOX, MINITEC LAVA/GREEN RoHS : Compliant
B9002008 METCASE-B9002008 Datasheet
197Kb / 2P
BOX, MINITEC LAVA/GREEN RoHS : Compliant
More results

Similar Description - B90K

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B30A MICRONETICS-B30A Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B30K MICRONETICS-B30K Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B90A MICRONETICS-B90A Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
B90H MICRONETICS-B90H Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
B90V MICRONETICS-B90V Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
C50A MICRONETICS-C50A Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
C50H MICRONETICS-C50H Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
C50K MICRONETICS-C50K Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com