Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2158D Datasheet (PDF) - International Rectifier

IRS2158D Datasheet PDF - International Rectifier
Part # IRS2158D
Download  IRS2158D Download
File Size   773.29 Kbytes
Page   30 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Ballast control and half-bridge driver in one IC

IRS2158D Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS2158D Datasheet PDF - International Rectifier

Part # IRS2158D
Download  IRS2158D Click to download

File Size   773.29 Kbytes
Page   30 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Ballast control and half-bridge driver in one IC

IRS2158D Datasheet (HTML) - International Rectifier


IRS2158D Product details

Description
The IRS2158D is a fully integrated, fully protected 600V ballast control IC designed to drive all types of fluorescent lamps. The IRS2158D features include programmable preheat and run frequencies, programmable preheat time, closed-loop half-bridge ignition current regulation, programmable end-of-life protection, brownout protection and low input offset op amp. The op amp can be used for dimming, current or power control. Comprehensive protection features such as protection from failure of a lamp to strike, filament failures, end-of-life protection, have been included in the design. The IRS2158D is available in both 16-pin PDIP and 16-pin narrow body SOIC packages.

Features
• Ballast control and half-bridge driver in one IC
• Programmable half-bridge over-current protection
• Programmable preheat frequency
• Programmable preheat time
• Programmable ignition ramp
• Programmable run frequency
• Closed-loop ignition current regulation
• Voltage-controlled oscillator (VCO)
• Programmable deadtime
• End-of-life window comparator pin
• Internal 60-event current sense up/down fault counter
• Lamp removal/auto-restart shutdown pin
• Brownout protection
• Low offset op amp
• Internal bootstrap MOSFET
• Internal 15.6 V zener clamp diode on Vcc
• Micropower startup (250 μA)
• Latch immunity and ESD protection

Typical Applications
• Fluorescent lamp ballast dimming (<5%)




Similar Part No. - IRS2158D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2158D IRF-IRS2158D Datasheet
699Kb / 27P
IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
IRS2158D IRF-IRS2158D Datasheet
773Kb / 30P
Advanced Information
IRS2158D IRF-IRS2158D_15 Datasheet
773Kb / 30P
Advanced Information
More results


Similar Description - IRS2158D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
Ballast Control IC
logo
STMicroelectronics
L6585D STMICROELECTRONICS-L6585D Datasheet
160Kb / 9P
PFC and Ballast Control IC
12-Jan-2006
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
Half-bridge driver IC
Rev. 1.1-6 December 2011
logo
International Rectifier
IRS2580DSPBF IRF-IRS2580DSPBF Datasheet
32Kb / 1P
?쏞OMBO8??PFC HALF-BRIDGE BALLAST IC
IRS2548D IRF-IRS2548D Datasheet
325Kb / 22P
SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
IRS2530D IRF-IRS2530D_15 Datasheet
462Kb / 23P
Dimming ballast control plus half-bridge driver
IRS2580DSPBF IRF-IRS2580DSPBF_15 Datasheet
32Kb / 1P
PFC, ballast control and half-bridge driver in one IC
logo
NXP Semiconductors
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
Half-bridge driver IC
Rev. 1-3 September 2013
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com