Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2158D Datasheet (PDF) - International Rectifier

IRS2158D Datasheet PDF - International Rectifier
Part # IRS2158D
Download  IRS2158D Download
File Size   699.8 Kbytes
Page   27 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D

IRS2158D Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS2158D Datasheet PDF - International Rectifier

Part # IRS2158D
Download  IRS2158D Click to download

File Size   699.8 Kbytes
Page   27 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D

IRS2158D Datasheet (HTML) - International Rectifier


IRS2158D Product details

Description
The IRPLDIM3 reference design kit consists of a high power factor wide input voltage range dimming Fluorescent ballast, with a fully isolated 0 to 10V control interface, driving a single T5 28 W rapid start linear lamp. The design contains an EMI filter, active power factor correction and a dimming ballast control circuit using the PDIP16 version of IRS2158D. This demo board is intended to help with the evaluation of the IRS2158D dimming ballast control IC, demonstrate PCB layout techniques and serve as an aid in the development of production ballasts using the IRS2158D

Features
• Drives 1 x 28W TL5 Lamp
• Input Voltage: 90-305Vac
• High Power Factor/Low THD
• High Frequency Operation
• Lamp Filament Preheating
• Lamp Fault Protection with Auto-Restart
• Low AC Line/Brownout Protection
• End of Lamp Life Shutdown
• IRS2158D HVIC Ballast Controller




Similar Part No. - IRS2158D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2158D IRF-IRS2158D Datasheet
773Kb / 30P
Ballast control and half-bridge driver in one IC
IRS2158D IRF-IRS2158D Datasheet
773Kb / 30P
Advanced Information
IRS2158DPBF IRF-IRS2158DPBF Datasheet
773Kb / 30P
Ballast control and half-bridge driver in one IC
IRS2158DS IRF-IRS2158DS Datasheet
773Kb / 30P
Ballast control and half-bridge driver in one IC
IRS2158DSPBF IRF-IRS2158DSPBF Datasheet
773Kb / 30P
Ballast control and half-bridge driver in one IC
More results


Similar Description - IRS2158D

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4835 MICRO-LINEAR-ML4835 Datasheet
380Kb / 17P
Compact Fluorescent Electronic Dimming Ballast Controller
ML4836 MICRO-LINEAR-ML4836 Datasheet
307Kb / 15P
Compact Fluorescent Electronic Dimming Ballast Controller
logo
International Rectifier
IRPLLNR3 IRF-IRPLLNR3 Datasheet
329Kb / 27P
Universal Input Linear Fluorescent Ballast using the IR2167
IRPLCFL8U IRF-IRPLCFL8U Datasheet
609Kb / 27P
Simplified Three Level Dimming CFL Fluorescent Ballast using the IRS2530D DIM8TM
IRPLDIM5E IRF-IRPLDIM5E Datasheet
506Kb / 17P
4 Level Switch Dim Fluorescent Ballast using the IRS2530D DIM8TM
logo
ON Semiconductor
NCP785 ONSEMI-NCP785 Datasheet
80Kb / 6P
Wide Input Voltage Range PSRR Linear Regulator
March, 2015 ??Rev. P1
NCP785B ONSEMI-NCP785B Datasheet
132Kb / 8P
Wide Input Voltage Range PSRR Linear Regulator
February, 2014 ??Rev. P0
logo
International Rectifier
IRPLLNR5 IRF-IRPLLNR5 Datasheet
331Kb / 21P
IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
logo
ON Semiconductor
NCP786A ONSEMI-NCP786A Datasheet
107Kb / 7P
Wide Input Voltage Range PSRR Linear Regulator
December, 2017 ??Rev. 1
logo
Maxic Technology Corpor...
MT7608 MAXIC-MT7608 Datasheet
80Kb / 1P
Wide Input Voltage Range, Linear LED Driver
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com