Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2158D Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2158D
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2158D Datasheet(HTML) 2 Page - International Rectifier

  IRS2158D Datasheet HTML 1Page - International Rectifier IRS2158D Datasheet HTML 2Page - International Rectifier IRS2158D Datasheet HTML 3Page - International Rectifier IRS2158D Datasheet HTML 4Page - International Rectifier IRS2158D Datasheet HTML 5Page - International Rectifier IRS2158D Datasheet HTML 6Page - International Rectifier IRS2158D Datasheet HTML 7Page - International Rectifier IRS2158D Datasheet HTML 8Page - International Rectifier IRS2158D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.irf.com
- 2 -
1. Features
•
Drives 1 x 28W TL5 Lamp
•
Input Voltage: 90-305Vac
•
High Power Factor/Low THD
•
High Frequency Operation
•
Lamp Filament Preheating
•
Lamp Fault Protection with Auto-Restart
•
Low AC Line/Brownout Protection
•
End of Lamp Life Shutdown
•
IRS2158D HVIC Ballast Controller
2. Description
The IRPLDIM3 reference design kit consists of a high power factor wide input voltage range
dimming Fluorescent ballast, with a fully isolated 0 to 10V control interface, driving a single T5 28 W
rapid start linear lamp. The design contains an EMI filter, active power factor correction and a dimming
ballast control circuit using the PDIP16 version of IRS2158D. This demo board is intended to help with the
evaluation of the IRS2158D dimming ballast control IC, demonstrate PCB layout techniques and serve as
an aid in the development of production ballasts using the IRS2158D
Fig 1. IRPLDIM3 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com