Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2090CT Datasheet (PDF) - Silicon Standard Corp.

MBR2090CT Datasheet PDF - Silicon Standard Corp.
Part # MBR2090CT
Download  MBR2090CT Download
File Size   353.81 Kbytes
Page   3 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Dual High-Voltage Schottky Barrier Rectifiers

MBR2090CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR2090CT Datasheet PDF - Silicon Standard Corp.

Part # MBR2090CT
Download  MBR2090CT Click to download

File Size   353.81 Kbytes
Page   3 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Dual High-Voltage Schottky Barrier Rectifiers

MBR2090CT Datasheet (HTML) - Silicon Standard Corp.


MBR2090CT Product details

FEATURES
    Plastic package has Underwriters Laboratory Flammability Classification 94V-0
    Dual rectifier construction, positive center tap
    Metal silicon junction, majority carrier conduction
    Low power loss, high efficiency
    Guardring for overvoltage protection
    For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
    High temperature soldering guaranteed: 250°C/10 seconds, 0.25" (6.35mm) from case


   




Similar Part No. - MBR2090CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2090CT MOTOROLA-MBR2090CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Diodes Incorporated
MBR2090CT DIODES-MBR2090CT Datasheet
64Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. C-2
logo
Vishay Siliconix
MBR2090CT VISHAY-MBR2090CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
logo
Diodes Incorporated
MBR2090CT DIODES-MBR2090CT Datasheet
211Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. 7 - 2
logo
Taiwan Semiconductor Co...
MBR2090CT TSC-MBR2090CT Datasheet
356Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - MBR2090CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR60100CT VISHAY-MBR60100CT Datasheet
79Kb / 2P
Dual High-Voltage Schottky Rectifiers
10-May-04
MBR20100CT VISHAY-MBR20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
MBR30H90 VISHAY-MBR30H90 Datasheet
65Kb / 2P
High-Voltage Dual Schottky Rectifiers
02-Jul-02
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBRB25H60CT VISHAY-MBRB25H60CT Datasheet
95Kb / 3P
Dual High-Voltage Schottky Rectifiers
7-May-03
logo
GOOD-ARK Electronics
MBR30150CT GOOD-ARK-MBR30150CT Datasheet
200Kb / 3P
Dual Common-Cathode High-Voltage Schottky Barrier Rectifiers
MBRF1090CT GOOD-ARK-MBRF1090CT Datasheet
191Kb / 2P
Dual High-Voltage Schottky Barrier Rectifiers
MBR1090CT GOOD-ARK-MBR1090CT Datasheet
195Kb / 2P
Dual High-Voltage Schottky Barrier Rectifiers
MBR10150CT GOOD-ARK-MBR10150CT Datasheet
183Kb / 3P
Dual Common-Cathode High-Voltage Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBR20H150CT VISHAY-MBR20H150CT Datasheet
76Kb / 3P
Dual High-Voltage Schottky Rectifiers
24-Dec-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com