Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2090CT Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # MBR2090CT
Description  Dual High-Voltage Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

MBR2090CT Datasheet(HTML) 2 Page - Silicon Standard Corp.

  MBR2090CT Datasheet HTML 1Page - Silicon Standard Corp. MBR2090CT Datasheet HTML 2Page - Silicon Standard Corp. MBR2090CT Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
02/08/2007 Rev.1.00
www.SiliconStandard.com
2
r
e
t
e
m
a
r
a
Pl
o
b
m
y
ST
C
0
9
0
2
R
B
MT
C
0
0
1
0
2
R
B
Mt
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
90
0
1s
t
l
o
V
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
g
n
i
k
r
o
WV
M
W
R
0
90
0
1s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
90
0
1s
t
l
o
V
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
n
e
r
r
u
c
d
e
i
f
i
t
c
e
rT
t
a
t
C
3
3
1
=
oC
e
c
i
v
e
d
l
a
t
o
T
g
e
l
r
e
P
I
)
V
A
(
F
0
2
0
1
s
p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
g
e
l
r
e
p
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
5
1s
p
m
A
t
t
a
g
e
l
r
e
p
t
n
e
r
r
u
c
e
s
r
e
v
e
r
e
v
it
it
e
p
e
r
k
a
e
P
p
0
.
2
=
u
z
H
K
1
,
sI
M
R
R
5
.
0p
m
A
V
d
e
t
a
r
(
e
g
n
a
h
c
f
o
e
t
a
r
e
g
a
t
l
o
V
R)t
d
/
v
d0
0
0
,
0
1/
V us
)
4
e
t
o
N
(
g
e
l
r
e
p
e
g
a
tl
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
M
V
F
s
t
l
o
V
I
t
a
F
,
A
0
1
=T
C
5
2
=
oC0
8
.
0
I
t
a
F
,
A
0
1
=T
C
5
2
1
=
oC5
6
.
0
I
t
a
F
,
A
0
2
=T
C
5
2
=
oC5
9
.
0
I
t
a
F
,
A
0
2
=T
C
5
2
1
=
oC5
7
.
0
r
e
p
t
n
e
r
r
u
c
e
s
r
e
v
e
r
m
u
m
i
x
a
M
e
s
r
e
v
e
r
k
a
e
p
g
n
i
k
r
o
w
t
a
g
e
l
)
4
e
t
o
N
(
e
g
a
t
l
o
v
T
J
5
2
=
oC
I
R
0
0
1
uA
T
J
0
0
1
=
oC0
.
6
mA
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
R
θ A
J
R
θ C
J
0
6
B
R
B
M
/
-
F
R
B
M
/
0
6
R
B
M
2
B
R
B
M
/
5
.
3
F
R
B
M
/
2
R
B
M
o
W
/
C
s
l
a
n
i
m
r
e
t
m
o
r
f
)
y
l
n
o
e
p
y
t
F
R
B
M
(
e
g
a
t
l
o
v
n
o
i
t
a
l
o
s
I
S
M
R
H
R
,
d
n
o
c
e
s
0
.
1
=
t
h
t
i
w
k
n
i
s
t
a
e
h
o
t<
%
0
3
V
L
O
S
I
)
1
e
t
o
N
(
0
0
5
4
)
2
e
t
o
N
(
0
0
5
3
)
3
e
t
o
N
(
0
0
5
1
s
t
l
o
V
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
0
5
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC
( TC = 25
oC unless otherwise noted )
MBR20100CT, MBRF20100CT
& MBRB20100CT Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com