Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6622 Datasheet (PDF) - Silicon Standard Corp.

SS6622 Datasheet PDF - Silicon Standard Corp.
Part # SS6622
Download  SS6622 Download
File Size   640.72 Kbytes
Page   12 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description High Efficiency Synchronous Step-Up DC/DC Converter

SS6622 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS6622 Datasheet PDF - Silicon Standard Corp.

Part # SS6622
Download  SS6622 Click to download

File Size   640.72 Kbytes
Page   12 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description High Efficiency Synchronous Step-Up DC/DC Converter

SS6622 Datasheet (HTML) - Silicon Standard Corp.


SS6622 Product details

DESCRIPTION
The SS6620/21/22 are high-efficiency stepup DC/DC converters, with start-up voltage as low as 0.8V and operating with an input voltage down to 0.7V. Consuming only 20mA of quiescent current, these devices offer a built-in synchronous rectifier that reduces size and cost by eliminating the need for an external Schottky diode, improving overall efficiency by minimizing losses.

FEATURES
 • High efficiency of 93% (VIN=2.4V, VOUT=3.3V, IOUT=200mA).
 • Quiescent supply current of 20mA.
 • Power-saving shutdown mode (0.1mA typical).
 • Internal synchronous rectifier (no external diode )
 • Selectable current limit for reduced ripple (SS6622).
 • Low noise, anti-ringing feature (SS6622)
 • On-chip low-battery detector.
 • Low-battery hysteresis

APPLICATIONS
 • Palmtop & notebook computers.
 • PDAs
 • Wireless phones
 • Pocket organizers.
 • Cameras.
 • 1 to 2-cell hand-held devices




Similar Part No. - SS6622

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS6620 SENSITRON-SS6620 Datasheet
57Kb / 3P
Ultrafast Recovery Rectifier
SS6626 SENSITRON-SS6626 Datasheet
43Kb / 3P
Ultrafast Recovery Rectifier
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
High-Efficiency Step-Up DC/DC Controller
SS6628CNTB SSC-SS6628CNTB Datasheet
554Kb / 7P
High-Efficiency Step-Up DC/DC Controller
SS6628CNTR SSC-SS6628CNTR Datasheet
554Kb / 7P
High-Efficiency Step-Up DC/DC Controller
More results


Similar Description - SS6622

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
High-efficiency Synchronous Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305_11 Datasheet
432Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
high efficiency synchronous PWM step up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
High efficiency PFM synchronous step-up DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM6313 HMSEMI-HM6313 Datasheet
1Mb / 11P
High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
logo
AiT Semiconductor Inc.
A7544 AITSEMI-A7544 Datasheet
783Kb / 14P
DC-DC CONVERTER BOOST (STEP-UP) HIGH EFFICIENCY 5A SYNCHRONOUS
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com