Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6622 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6622
Description  High Efficiency Synchronous Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6622 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6622 Datasheet HTML 1Page - Silicon Standard Corp. SS6622 Datasheet HTML 2Page - Silicon Standard Corp. SS6622 Datasheet HTML 3Page - Silicon Standard Corp. SS6622 Datasheet HTML 4Page - Silicon Standard Corp. SS6622 Datasheet HTML 5Page - Silicon Standard Corp. SS6622 Datasheet HTML 6Page - Silicon Standard Corp. SS6622 Datasheet HTML 7Page - Silicon Standard Corp. SS6622 Datasheet HTML 8Page - Silicon Standard Corp. SS6622 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.SiliconStandard.com
4 of 12
SS6620/21/2
n ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
LBI Input Current
VLBI = 1.4V
1
50
nA
CLSEL Input Current
SS6622 , CLSEL = OUT
1.4
3
µA
SHDN Input Current
V SHDN = 0 or VOUT
0.07
50
nA
LBO Low Output Voltage
VLBI = 0, ISINK = 1mA
0.2
0.4
µA
LBO Off Leakage Current
VLBO = 5.5V, VLBI = 5.5V
0.07
1
LBI Hystereisis
50
mV
Damping Switch Resistance
SS6622, VBATT = 2V
50
100
Ω
0.2VOUT
SHDN Input Voltage
0.8VOUT
V
0.2VOUT
CLSEL Input Voltage
0.8VOUT
V
Note 1: Start-up voltage operation is guaranteed without the addition of an external Schottky diode between the in-
put and output.
Note 2: Steady-state output current indicates that the device maintains output voltage regulation under load.
Note 3: Device is bootstrapped (power to the IC comes from OUT). This correlates directly with the actual battery
supply.
n TYPICAL PERFORMANCE CHARACTERISTICS
0.01
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
Fig. 1
V
OUT=3.3V
CLSEL=OUT
(0.8A)
VIN=2.4V
VIN=1.2V
Loading (mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
20
40
60
80
100
120
140
160
I_limit=0.45A , VOUT=3.3V
Input battery voltage (V)
Fig. 2
No-Load Battery Current vs. Input Battery Voltage
I_limit=0.8A , VOUT=3.3V
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com