Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6639-30CXTR Datasheet (PDF) - Silicon Standard Corp.

SS6639-30CXTR Datasheet PDF - Silicon Standard Corp.
Part # SS6639-30CXTR
Download  SS6639-30CXTR Download
File Size   144.74 Kbytes
Page   12 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description 1-Cell, 3-Pin, Step-Up DC/DC Controller

SS6639-30CXTR Datasheet (PDF)

Go To PDF Page Download Datasheet
SS6639-30CXTR Datasheet PDF - Silicon Standard Corp.

Part # SS6639-30CXTR
Download  SS6639-30CXTR Click to download

File Size   144.74 Kbytes
Page   12 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description 1-Cell, 3-Pin, Step-Up DC/DC Controller

SS6639-30CXTR Datasheet (HTML) - Silicon Standard Corp.


SS6639-30CXTR Product details

GENERAL DESCRIPTION
The SS6639 is a high efficiency step-up DC/DC controller for applications using 1 to 4 battery cells. Only three external components are required to deliver a fixed output voltage of 2.7, 3.0V, 3.3V, or 5V. The SS6639 starts up from less than 0.9V input with a 1mA load. The Pulse Frequency Modulation scheme offers optimized performance for applications with light output loading and low input voltages. The output ripple and noise are lower than with circuits operating in PSM mode.

FEATURES
 • Guaranteed start-up from less than 0.9 V.
 • High efficiency.
 • Low quiescent current.
 • Fewer external components needed.
 • Low ripple and low noise.
 • Fixed output voltage: 2.7, 3.0V, 3.3V, and 5V.
 • Driver for external transistor.
 • Space-saving package: SOT-89 and TO-92.

APPLICATIONS
 • Pagers.
 • Cameras.
 • Wireless Microphones.
 • Pocket Organizers.
 • Battery Backup Suppliers.
 • Portable Instruments.




Similar Part No. - SS6639-30CXTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
Step-Up DC/DC Controller
SS6630-3CNTB SSC-SS6630-3CNTB Datasheet
616Kb / 13P
Step-Up DC/DC Controller
SS6630-3CNTR SSC-SS6630-3CNTR Datasheet
616Kb / 13P
Step-Up DC/DC Controller
SS6630-3CSTB SSC-SS6630-3CSTB Datasheet
616Kb / 13P
Step-Up DC/DC Controller
SS6630-3CSTR SSC-SS6630-3CSTR Datasheet
616Kb / 13P
Step-Up DC/DC Controller
More results


Similar Description - SS6639-30CXTR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1211X RICOH-R1211X Datasheet
375Kb / 33P
Step-up DC/DC Controller
Rev. 1.10
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
3-Cell, High-Efficiency, Step-Up DC/DC Converter
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
logo
Maxim Integrated Produc...
MAX848 MAXIM-MAX848 Datasheet
166Kb / 16P
1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
Rev 2; 12/97
logo
Analog Intergrations Co...
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
3-Pin One-Cell Step-Up DC/DC Converter
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
STEP-UP DC/DC CONTROLLER
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
Step-Up DC/DC Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com