Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX848 Datasheet (PDF) - Maxim Integrated Products

MAX848 Datasheet PDF - Maxim Integrated Products
Part # MAX848
Download  MAX848 Download
File Size   166.17 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters

MAX848 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX848 Datasheet PDF - Maxim Integrated Products

Part # MAX848
Download  MAX848 Click to download

File Size   166.17 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters

MAX848 Datasheet (HTML) - Maxim Integrated Products


MAX848 Product details

General Description

The MAX848/MAX849 boost converters set a new standard of high efficiency and high integration for noise sensitive power-supply applications, such as portable phones and small systems with RF data links. The heart of the these devices is a synchronous boost-topology regulator that generates a fixed 3.3V output (or 2.7V to 5.5V adjustable output) from one to three NiCd/NiMH cells or one Li-Ion cell.

Synchronous rectification provides a 5% efficiency improvement over similar nonsynchronous boost regulators. In standby mode, pulse-skipping PFM operation keeps the output voltage alive with only 150µW quiescent power consumption. Fixed-frequency PWM operation ensures that the switching noise spectrum is limited to the 300kHz fundamental and its harmonics, allowing easy post-filtering noise reduction. For even tighter noise spectrum control, synchronize to a 200kHz to 400kHz external clock.



Feature

♦ Up to 95% Efficiency (see Typical Output Selector Guide below)

♦ 3.3V Dual Mode™ or 2.7V to 5.5V Adj. Output

♦ 0.7V to 5.5V Input Range

♦ 0.15mW Standby Mode

♦ 300kHz PWM Mode or Synchronizable

♦ Two-Channel ADC with Serial Output

♦ Power-Good Function



Applications

  Digital Cordless Phones

  PCS Phones

  Cellular Phones

  Hand-Held Instruments

  Palmtop Computers

  Personal Communicators

  Local 3.3V to 5V Supplies



 




Similar Part No. - MAX848

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX840C/D MAXIM-MAX840C/D Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX840ESA MAXIM-MAX840ESA Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX840ISA MAXIM-MAX840ISA Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX843C/D MAXIM-MAX843C/D Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
More results


Similar Description - MAX848

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
MAX1700 MAXIM-MAX1700 Datasheet
248Kb / 16P
1-Cell to 3-Cell, High-Power 1A, Low-Noise, Step-Up DC-DC Converters
Rev 1; 1/99
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX1705 MAXIM-MAX1705 Datasheet
215Kb / 20P
1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 0; 4/97
logo
Analog Intergrations Co...
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
3-Pin One-Cell Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
logo
Silicon Standard Corp.
SS6639 SSC-SS6639 Datasheet
144Kb / 12P
1-Cell, 3-Pin, Step-Up DC/DC Controller
logo
Maxim Integrated Produc...
MAX1705EEE MAXIM-MAX1705EEE Datasheet
265Kb / 18P
1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 1; 8/00
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
Low-Noise Step-Up DC-DC Converters
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com