Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1705 Datasheet (PDF) - Maxim Integrated Products

MAX1705 Datasheet PDF - Maxim Integrated Products
Part # MAX1705
Download  MAX1705 Download
File Size   215.39 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator

MAX1705 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1705 Datasheet PDF - Maxim Integrated Products

Part # MAX1705
Download  MAX1705 Click to download

File Size   215.39 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator

MAX1705 Datasheet (HTML) - Maxim Integrated Products


MAX1705 Product details

General Description
The MAX1705/MAX1706 are high-efficiency, low-noise, step-up DC-DC converters with an auxiliary linearregulator output. These devices are intended for use in battery-powered wireless applications. They use a synchronous rectifier pulse-width-modulation (PWM) boost topology to generate 2.5V to 5.5V outputs from battery inputs, such as 1 to 3 NiCd/NiMH cells or 1 Li-Ion cell. The MAX1705 has an internal 1A n-channel MOSFET switch. The MAX1706 has a 0.5A switch. Both devices also have a built-in low-dropout linear regulator that delivers up to 200mA.

Features
♦ Up to 96% Efficiency
♦ 1.1VIN Guaranteed Startup
♦ Up to 850mA Output (MAX1705)
♦ Step-Up Output (2.5V to 5.5V Adjustable)
♦ Linear Regulator (1.25V to 5.0V Adjustable)
♦ PWM/PFM Synchronous-Rectified Topology
♦ 300kHz PWM Mode or Synchronizable
♦ 1µA Shutdown Mode
♦ Voltage Monitor
♦ Pushbutton On/Off Control

Applications
    Digital Cordless Phones
    PCS Phones
    Personal Communicators
    Wireless Handsets
    Palmtop Computers
    Two-Way Pagers
    Handheld Instruments




Similar Part No. - MAX1705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1705 MAXIM-MAX1705 Datasheet
277Kb / 18P
1- to 3-Cell, High-Current, Low-Noise
2000
MAX17050 MAXIM-MAX17050 Datasheet
3Mb / 47P
ModelGauge m3 Fuel Gauge
Rev 2; 4/12
MAX17050EVKIT MAXIM-MAX17050EVKIT Datasheet
4Mb / 13P
Optional On-Board PC Trace Sense Resistor
Rev 0; 4/14
MAX17050X+ MAXIM-MAX17050X+ Datasheet
3Mb / 47P
ModelGauge m3 Fuel Gauge
Rev 2; 4/12
MAX17050X+ MAXIM-MAX17050X+ Datasheet
1Mb / 47P
1-Cell Fuel Gauge with ModelGauge m3
2016
More results


Similar Description - MAX1705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
MAX1700 MAXIM-MAX1700 Datasheet
248Kb / 16P
1-Cell to 3-Cell, High-Power 1A, Low-Noise, Step-Up DC-DC Converters
Rev 1; 1/99
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX1765 MAXIM-MAX1765 Datasheet
559Kb / 19P
800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
MAX848 MAXIM-MAX848 Datasheet
166Kb / 16P
1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
Rev 2; 12/97
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
logo
Silicon Standard Corp.
SS6639 SSC-SS6639 Datasheet
144Kb / 12P
1-Cell, 3-Pin, Step-Up DC/DC Controller
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765_11 Datasheet
873Kb / 19P
800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1705EEE MAXIM-MAX1705EEE Datasheet
265Kb / 18P
1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 1; 8/00
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
Low-Noise Step-Up DC-DC Converters
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com