Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25644 Datasheet (PDF) - Xicor Inc.

X25644 Datasheet PDF - Xicor Inc.
Part # X25644
Download  X25644 Download
File Size   76.91 Kbytes
Page   15 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Programmable Watchdog Timer w/Serial E 2 PROM

X25644 Datasheet (PDF)

Go To PDF Page Download Datasheet
X25644 Datasheet PDF - Xicor Inc.

Part # X25644
Download  X25644 Click to download

File Size   76.91 Kbytes
Page   15 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Programmable Watchdog Timer w/Serial E 2 PROM

X25644 Datasheet (HTML) - Xicor Inc.


X25644 Product details

DESCRIPTION
These devices combine two popular functions, Watchdog Timer, and Serial E2PROM Memory in one package. This combination lowers system cost, reduces board space requirements, and increases reliability.

FEATURES
• Programmable Watchdog Timer with Reset Assertion
    —Reset Signal Valid to Vcc=1V
    —Power Up Reset Control
• Save Critical Data With Block LockTM Protection
    —Block LockTM Protect 0, 1/4, 1/2 or all of Serial E2PROM Memory Array
• In Circuit Programmable ROM Mode
• Long Battery Life With Low Power Consumption
    —<50µA Max Standby Current, Watchdog On
    —<1µA Max Standby Current, Watchdog Off
    —<5mA Max Active Current during Write
    —<400µA Max Active Current during Read
• 1.8V to 3.6V, 2.7V to 5.5V and 4.5V to 5.5V Power Supply Operation
• 2MHz Clock Rate
• Minimize Programming Time
    —32 Byte Page Write Mode
    —Self-Timed Write Cycle
    —5ms Write Cycle Time (Typical)
• SPI Modes (0,0 & 1,1)
• Built-in Inadvertent Write Protection
    —Power-Up/Power-Down Protection Circuitry
    —Write Enable Latch
    —Write Protect Pin
• High Reliability
• Available Packages
    —14-Lead SOIC (X2564x)
    —14-Lead TSSOP (X2532x, X2516x)
    —8-Lead SOIC (X2532x, X2516x)




Similar Part No. - X25644

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
X2564 AMPHENOL-X2564 Datasheet
444Kb / 8P
RF Mesh Networking technology provides reliable real time process data. Uses global 2.4 GHz RF frequencies
logo
Xicor Inc.
X25640 XICOR-X25640 Datasheet
64Kb / 14P
Advanced SPI Serial E2PROM With Block LockTM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
Advanced SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
Advanced SPI Serial E2PROM with Block Lock Protection
X25642F ICMIC-X25642F Datasheet
135Kb / 16P
Advanced SPI Serial E2PROM with Block Lock Protection
More results


Similar Description - X25644

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24640 XICOR-X24640 Datasheet
85Kb / 17P
400KHz 2-Wire Serial E 2 PROM with Block Lock
X24641 XICOR-X24641 Datasheet
66Kb / 13P
400 KHz 2-Wire Serial E 2 PROM
X25643 XICOR-X25643 Datasheet
76Kb / 16P
Programmable Watchdog Timer & V CC Supervisory Circuit w/Serial E 2 PROM
X25648 XICOR-X25648 Datasheet
73Kb / 16P
V CC Supervisory Circuit w/Serial E 2 PROM
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
Watchdog Timer
logo
OKI electronic componet...
MSM16911 OKI-MSM16911 Datasheet
329Kb / 8P
1024-BIT SERIAL E-2 PROM
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
SPI Serial E 2 PROM with Block Lock ??Protection
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
Programmable watchdog timer
18-Sep-2013
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
Window Watchdog Timer with Programmable Reset Delay
TPS3431 TI1-TPS3431 Datasheet
1Mb / 30P
Standard Programmable Watchdog Timer with Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com