Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24641 Datasheet (PDF) - Xicor Inc.

X24641 Datasheet PDF - Xicor Inc.
Part # X24641
Download  X24641 Download
File Size   66.85 Kbytes
Page   13 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 400 KHz 2-Wire Serial E 2 PROM

X24641 Datasheet (PDF)

Go To PDF Page Download Datasheet
X24641 Datasheet PDF - Xicor Inc.

Part # X24641
Download  X24641 Click to download

File Size   66.85 Kbytes
Page   13 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 400 KHz 2-Wire Serial E 2 PROM

X24641 Datasheet (HTML) - Xicor Inc.


X24641 Product details

DESCRIPTION
The X24641 is a CMOS Serial E2PROM Memory, internally organized 8K x 8. The device features a serial interface and software protocol allowing operation on a simple two wire bus. The bus operates at 400KHz all the way down to 1.8V.

FEATURES
• 1.8V to 3.6V, 2.5V to 5.5V and 4.5V to 5.5V Power Supply Operation
• Low Power CMOS
    —Active Read Current Less Than 1mA
    —Active Write Current Less Than 3mA
    —Standby Current Less Than 1µA
• 400KHz Fast Mode 2-Wire Serial Interface
    —Down to 1.8V
    —Schmitt Trigger Input Noise Suppression
    —Output Slope Control for Ground Bounce Noise Elimination
• Internally Organized 8K x 8
• 32 Byte Page Write Mode
    —Minimizes Total Write Time Per Byte
• Hardware Write Protect
• Bidirectional Data Transfer Protocol
• Self-Timed Write Cycle
    —Typical Write Cycle Time of 5ms
• High Reliability
    —Endurance: 1,000,000 Cycles
    —Data Retention: 100 Years
• 8-Lead SOIC




Similar Part No. - X24641

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24640 XICOR-X24640 Datasheet
85Kb / 17P
400KHz 2-Wire Serial E 2 PROM with Block Lock
X24640P XICOR-X24640P Datasheet
85Kb / 17P
400KHz 2-Wire Serial E 2 PROM with Block Lock
X24640P-1.8 XICOR-X24640P-1.8 Datasheet
85Kb / 17P
400KHz 2-Wire Serial E 2 PROM with Block Lock
X24640P-2.5 XICOR-X24640P-2.5 Datasheet
85Kb / 17P
400KHz 2-Wire Serial E 2 PROM with Block Lock
X24640PI XICOR-X24640PI Datasheet
85Kb / 17P
400KHz 2-Wire Serial E 2 PROM with Block Lock
More results


Similar Description - X24641

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24321 XICOR-X24321 Datasheet
66Kb / 13P
400 KHz 2-Wire Serial E2PROM
X24325 XICOR-X24325 Datasheet
79Kb / 17P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24640 XICOR-X24640 Datasheet
85Kb / 17P
400KHz 2-Wire Serial E 2 PROM with Block Lock
X24645 XICOR-X24645 Datasheet
84Kb / 18P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
SPI Serial E 2 PROM with Block Lock TM Protection
X25644 XICOR-X25644 Datasheet
76Kb / 15P
Programmable Watchdog Timer w/Serial E 2 PROM
X25648 XICOR-X25648 Datasheet
73Kb / 16P
V CC Supervisory Circuit w/Serial E 2 PROM
logo
OKI electronic componet...
MSM16911 OKI-MSM16911 Datasheet
329Kb / 8P
1024-BIT SERIAL E-2 PROM
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
SPI Serial E 2 PROM with Block Lock ??Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
5MHz SPI Serial E 2 PROM with Block Lock ??Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com