Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24321 Datasheet (PDF) - Xicor Inc.

X24321 Datasheet PDF - Xicor Inc.
Part # X24321
Download  X24321 Download
File Size   66.84 Kbytes
Page   13 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 400 KHz 2-Wire Serial E2PROM

X24321 Datasheet (PDF)

Go To PDF Page Download Datasheet
X24321 Datasheet PDF - Xicor Inc.

Part # X24321
Download  X24321 Click to download

File Size   66.84 Kbytes
Page   13 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 400 KHz 2-Wire Serial E2PROM

X24321 Datasheet (HTML) - Xicor Inc.


X24321 Product details

DESCRIPTION
The X24321 is a CMOS Serial E2PROM Memory, internally organized 4K x 8. The device features a serial interface and software protocol allowing operation on a simple two wire bus. The bus operates at 400KHz all the way down to 1.8V.

FEATURES
• 1.8V to 3.6V, 2.5V to 5.5V and 4.5V to 5.5V Power Supply Operation
• Low Power CMOS
    —Active Read Current Less Than 1mA
    —Active Write Current Less Than 3mA
    —Standby Current Less Than 1µA
• 400KHz Fast Mode 2-Wire Serial Interface
    —Down to 1.8V
    —Schmitt Trigger Input Noise Suppression
    —Output Slope Control for Ground Bounce Noise Elimination
• Internally Organized 4K x 8 Bit
• 32 Byte Page Write Mode
    —Minimizes Total Write Time Per Byte
• Hardware Write Protect
• Bidirectional Data Transfer Protocol
• Self-Timed Write Cycle
    —Typical Write Cycle Time of 5ms
• High Reliability
    —Endurance: 1,000,000 Cycles
    —Data Retention: 100 Years
• 8-Lead SOIC




Similar Part No. - X24321

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24320 XICOR-X24320 Datasheet
85Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
logo
IC MICROSYSTEMS
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
X24320AE ICMIC-X24320AE Datasheet
302Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
X24320AEG ICMIC-X24320AEG Datasheet
302Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
X24320AEP ICMIC-X24320AEP Datasheet
302Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
More results


Similar Description - X24321

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24641 XICOR-X24641 Datasheet
66Kb / 13P
400 KHz 2-Wire Serial E 2 PROM
logo
Seiko Instruments Inc
S-24C02D SII-S-24C02D Datasheet
1Mb / 47P
2-WIRE SERIAL E2PROM
S24C256C SII-S24C256C Datasheet
1Mb / 35P
2-WIRE SERIAL E2PROM
S24C512C SII-S24C512C Datasheet
1Mb / 35P
2-WIRE SERIAL E2PROM
S24CM01C SII-S24CM01C Datasheet
1Mb / 32P
2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C16C ABLIC-S-24C16C Datasheet
456Kb / 33P
2-WIRE SERIAL E2PROM
Rev.1.0_01_H
S-24C32C ABLIC-S-24C32C Datasheet
649Kb / 44P
2-WIRE SERIAL E2PROM
Rev.4.0_03_H
S-24C256C ABLIC-S-24C256C Datasheet
496Kb / 35P
2-WIRE SERIAL E2PROM
Rev.2.0_03_S
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
2-WIRE SERIAL E2PROM
Rev.2.0_03_S
S-24CM01C ABLIC-S-24CM01C Datasheet
465Kb / 32P
2-WIRE SERIAL E2PROM
Rev.2.0_03_S
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com