Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24321 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X24321
Description  400 KHz 2-Wire Serial E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24321 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X24321 Datasheet HTML 5Page - Xicor Inc. X24321 Datasheet HTML 6Page - Xicor Inc. X24321 Datasheet HTML 7Page - Xicor Inc. X24321 Datasheet HTML 8Page - Xicor Inc. X24321 Datasheet HTML 9Page - Xicor Inc. X24321 Datasheet HTML 10Page - Xicor Inc. X24321 Datasheet HTML 11Page - Xicor Inc. X24321 Datasheet HTML 12Page - Xicor Inc. X24321 Datasheet HTML 13Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
X24321
10
A.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.)
Read & Program Cycle Limits
7040 FRM T09
POWER-UP TIMING(4)
7040 FRM T10
Notes: (4)
tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters
are periodically sampled and not 100% tested.
(5) Cb = total capacitance of one bus line in pF
(6) tAA = 1.1µs Max below VCC = 2.5V.
Symbol
Parameter
Min.
Max.
Units
fSCL
SCL Clock Frequency
0
400
KHz
TI
Noise Suppression Time
Constant at SCL, SDA Inputs
50
ns
tAA
(6)
SCL LOW to SDA Data Out Valid
0.1
0.9
µs
tBUF
Time the Bus Must Be Free Before a
New Transmission Can Start
1.2
µs
tHD:STA
Start Condition Hold Time
0.6
µs
tLOW
Clock LOW Period
1.2
µs
tHIGH
Clock HIGH Period
0.6
µs
tSU:STA
Start Condition Setup Time
(for a Repeated Start Condition)
0.6
µs
tHD:DAT
Data In Hold Time
0
µs
tSU:DAT
Data In Setup Time
100
ns
tR
SDA and SCL Rise Time
20+0.1XCb
(5)
300
ns
tF
SDA and SCL Fall Time
20+0.1XCb
(5)
300
ns
tSU:STO
Stop Condition Setup Time
0.6
µs
tDH
Data Out Hold Time
50
ns
tOF
Output Fall Time
20 + 0.1Cb
(5)
250
ns
Symbol
Parameter
Max.
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
5
ms
A.C. CONDITIONS OF TEST
7040 FRM T08
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
VCC X 0.5
EQUIVALENT A.C. LOAD CIRCUIT
5V
1.53K
Ω
100pF
OUTPUT
7040 FM 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com