Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24321 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X24321
Description  400 KHz 2-Wire Serial E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24321 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X24321 Datasheet HTML 2Page - Xicor Inc. X24321 Datasheet HTML 3Page - Xicor Inc. X24321 Datasheet HTML 4Page - Xicor Inc. X24321 Datasheet HTML 5Page - Xicor Inc. X24321 Datasheet HTML 6Page - Xicor Inc. X24321 Datasheet HTML 7Page - Xicor Inc. X24321 Datasheet HTML 8Page - Xicor Inc. X24321 Datasheet HTML 9Page - Xicor Inc. X24321 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
X24321
6
Figure 5. Page Write Sequence
WRITE OPERATIONS
Byte Write
For a Byte Write Operation, the device requires the
Slave Address Byte, the Word Address Byte 1, and the
Word Address Byte 0, which gives the master access to
any one of the bytes in the array. Upon receipt of the
Word Address Byte 0, the device responds with an
acknowledge, and waits for the first eight bits of data.
After receiving the 8 bits of the data byte, the device
again responds with an acknowledge. The master then
terminates the transfer by generating a stop condition,
at which time the device begins the internal write cycle
to the nonvolatile memory. While the internal write cycle
is in progress the device inputs are disabled and the
device will not respond to any requests from the master.
The SDA pin is at high impedance. See figure 4.
Page Write Operation
The device executes a thirty-two byte Page Write
Operation. For a Page Write Operation, the device
requires the Slave Address Byte, Address Byte 1, and
Address Byte 0. Address Byte 0 must contain the first
byte of the page to be written. Upon receipt of Address
Byte 0, the device responds with an acknowledge, and
waits for the first eight bits of data. After receiving the 8
bits of the first data byte, the device again responds
with an acknowledge. The device will respond with an
acknowledge after the receipt of each of 31 more
bytes. Each time the byte address is internally incre-
mented by one, while page address remains constant.
When the counter reaches the end of the page, the
master terminates the data loading by issuing a stop
condition, which causes the device to begin the
nonvolatile write cycle. All inputs are disabled until
completion of the nonvolatile write cycle. The SDA pin
is at high impedance. Refer to figure 5 for the address,
acknowledge, and data transfer sequence.
S
T
A
R
T
SLAVE
ADDRESS
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
7012 ILL F08.1
DATA
(1)
SIGNALS
FROM THE
MASTER
SDA BUS
SIGNALS
FROM THE
SLAVE
DATA
(32)
ADDRESS
BYTE 1
ADDRESS
BYTE 0
1 0 1 0
0
S
P
SIGNALS
FROM THE
MASTER
SDA BUS
SIGNALS
FROM THE
SLAVE
S
T
A
R
T
SLAVE
ADDRESS
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
WORD ADDRESS
BYTE 1
DATA
1 0 1 0
0
WORD ADDRESS
BYTE 0
S
P
7040 FM 07
SIGNALS
FROM THE
MASTER
SDA BUS
SIGNALS
FROM THE
SLAVE
S
T
A
R
T
SLAVE
ADDRESS
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
WORD ADDRESS
BYTE 1
DATA
1 0 1 0
0
WORD ADDRESS
BYTE 0
S
P
7040 FM 07
Figure 4. Byte Write Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com