Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24321 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X24321
Description  400 KHz 2-Wire Serial E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24321 Datasheet(HTML) 1 Page - Xicor Inc.

  X24321 Datasheet HTML 1Page - Xicor Inc. X24321 Datasheet HTML 2Page - Xicor Inc. X24321 Datasheet HTML 3Page - Xicor Inc. X24321 Datasheet HTML 4Page - Xicor Inc. X24321 Datasheet HTML 5Page - Xicor Inc. X24321 Datasheet HTML 6Page - Xicor Inc. X24321 Datasheet HTML 7Page - Xicor Inc. X24321 Datasheet HTML 8Page - Xicor Inc. X24321 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
400 KHz 2-Wire Serial E2PROM
32K
4K x 8 Bit
©Xicor, 1995, 1996 Patents Pending
Characteristics subject to change without notice
7040 3/27/97 T0/C0/D0 SH
1
X24321
FUNCTIONAL DIAGRAM
FEATURES
• 1.8V to 3.6V, 2.5V to 5.5V and 4.5V to 5.5V
Power Supply Operation
• Low Power CMOS
—Active Read Current Less Than 1mA
—Active Write Current Less Than 3mA
—Standby Current Less Than 1
µA
• 400KHz Fast Mode 2-Wire Serial Interface
—Down to 1.8V
—Schmitt Trigger Input Noise Suppression
—Output Slope Control for Ground Bounce
Noise Elimination
• Internally Organized 4K x 8 Bit
• 32 Byte Page Write Mode
—Minimizes Total Write Time Per Byte
• Hardware Write Protect
• Bidirectional Data Transfer Protocol
• Self-Timed Write Cycle
—Typical Write Cycle Time of 5ms
• High Reliability
—Endurance: 1,000,000 Cycles
—Data Retention: 100 Years
• 8-Lead SOIC
DESCRIPTION
The X24321 is a CMOS Serial E2PROM Memory,
internally organized 4K x 8. The device features a
serial interface and software protocol allowing opera-
tion on a simple two wire bus. The bus operates at
400KHz all the way down to 1.8V.
Three device select inputs (S0–S2) allow up to eight
devices to share a common two wire bus.
Hardware Write Protection is provided through a Write
Protect (WP) input pin on the X24321. When the WP
pin is HIGH, the upper quadrant of the Serial E2PROM
array is protected against any nonvolatile write
attempts.
Xicor Serial E2PROM Memories are designed and
tested for applications requiring extended endurance.
Inherent data retention is greater than 100 years.
SERIAL E2PROM DATA
AND ADDRESS (SDA)
SCL
S2
S1
S0
WP
COMMAND
DECODE
AND
CONTROL
LOGIC
DEVICE
SELECT
LOGIC
WRITE
PROTECT
LOGIC
PAGE
DECODE
LOGIC
DATA REGISTER
Y DECODE LOGIC
E2PROM
WRITE VOLTAGE
CONTROL
7040 FM 01
ARRAY
4K x 8


Similar Part No. - X24321

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24320 XICOR-X24320 Datasheet
85Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
logo
IC MICROSYSTEMS
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
X24320AE ICMIC-X24320AE Datasheet
302Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
X24320AEG ICMIC-X24320AEG Datasheet
302Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
X24320AEP ICMIC-X24320AEP Datasheet
302Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
More results

Similar Description - X24321

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24641 XICOR-X24641 Datasheet
66Kb / 13P
400 KHz 2-Wire Serial E 2 PROM
logo
Seiko Instruments Inc
S-24C02D SII-S-24C02D Datasheet
1Mb / 47P
2-WIRE SERIAL E2PROM
S24C256C SII-S24C256C Datasheet
1Mb / 35P
2-WIRE SERIAL E2PROM
S24C512C SII-S24C512C Datasheet
1Mb / 35P
2-WIRE SERIAL E2PROM
S24CM01C SII-S24CM01C Datasheet
1Mb / 32P
2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C16C ABLIC-S-24C16C Datasheet
456Kb / 33P
2-WIRE SERIAL E2PROM
Rev.1.0_01_H
S-24C32C ABLIC-S-24C32C Datasheet
649Kb / 44P
2-WIRE SERIAL E2PROM
Rev.4.0_03_H
S-24C256C ABLIC-S-24C256C Datasheet
496Kb / 35P
2-WIRE SERIAL E2PROM
Rev.2.0_03_S
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
2-WIRE SERIAL E2PROM
Rev.2.0_03_S
S-24CM01C ABLIC-S-24CM01C Datasheet
465Kb / 32P
2-WIRE SERIAL E2PROM
Rev.2.0_03_S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com