Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24640P Datasheet (PDF) - Xicor Inc.

X24640P Datasheet PDF - Xicor Inc.
Part # X24640P
Download  X24640P Download
File Size   85.23 Kbytes
Page   17 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 400KHz 2-Wire Serial E 2 PROM with Block Lock

X24640P Datasheet (PDF)

Go To PDF Page Download Datasheet
X24640P Datasheet PDF - Xicor Inc.

Part # X24640P
Download  X24640P Click to download

File Size   85.23 Kbytes
Page   17 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 400KHz 2-Wire Serial E 2 PROM with Block Lock

X24640P Datasheet (HTML) - Xicor Inc.


X24640P Product details

DESCRIPTION

The X24640 is a CMOS Serial E2PROM, internally organized 8K x 8. The device features a serial interface and software protocol allowing operation on a simple two wire bus. The bus operates at 400 KHz all the way down to 1.8V.

Three device select inputs (S0–S2) allow up to eight devices to share a common two wire bus. A Write Protect Register at the highest address location, FFFFh, provides three write protection features: Software Write Protect, Block Lock Protect, and Programmable Hardware Write Protect. The Software Write Protect feature prevents any nonvolatile writes to the device until the WEL bit in the Write Protect Register is set. The Block Lock Protection feature gives the user four array block protect options, set by programming two bits in the Write Protect Register. The Programmable Hardware Write Protect feature allows the user to install the device with WP tied to VCC, program and Block Lock the desired portions of the memory array in circuit, and then enable the In Circuit Programmable ROM Mode by programming the WPEN bit in the Write Protect Register. After this, the Block Locked portions of the array, including the Write Protect Register itself, are permanently protected from being erased.



FEATURES

• Save Critical Data with Programmable Block Lock Protection

   —Block Lock (0, 1/4, 1/2, or all of E2PROM Array)

   —Software Program Protection

   —Programmable Hardware Write Protect

• In Circuit Programmable ROM Mode

• 400KHz 2-Wire Serial Interfac

   —Schmitt Trigger Input Noise Suppression

   —Output Slope Control for Ground Bounce Noise Elimination

• Longer Battery Life With Lower Power

   —Active Read Current Less Than 1mA

   —Active Program Current Less Than 3mA

   —Standby Current Less Than 1µA

• 1.8V to 3.6V, 2.5V to 5.5V and 4.5V to 5.5V Power Supply Versions

• 32 Word Page Write Mode

   —Minimizes Total Write Time Per Word

• Internally Organized 8K x 8

• Bidirectional Data Transfer Protocol

• Self-Timed Write Cycle

   —Typical Write Cycle Time of 5ms

• High Reliability

   —Endurance: 100,000 Cycles

   —Data Retention: 100 Years

• 8-Lead SOIC

• 20-Lead TSSOP

• 8-Lead PDIP



 




Similar Part No. - X24640P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24641 XICOR-X24641 Datasheet
66Kb / 13P
400 KHz 2-Wire Serial E 2 PROM
X24641S8 XICOR-X24641S8 Datasheet
66Kb / 13P
400 KHz 2-Wire Serial E 2 PROM
X24641S8-1.8 XICOR-X24641S8-1.8 Datasheet
66Kb / 13P
400 KHz 2-Wire Serial E 2 PROM
X24641S8-2.5 XICOR-X24641S8-2.5 Datasheet
66Kb / 13P
400 KHz 2-Wire Serial E 2 PROM
X24641S8I XICOR-X24641S8I Datasheet
66Kb / 13P
400 KHz 2-Wire Serial E 2 PROM
More results


Similar Description - X24640P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24128 XICOR-X24128 Datasheet
87Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
X24320 XICOR-X24320 Datasheet
85Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
X24325 XICOR-X24325 Datasheet
79Kb / 17P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X24257 XICOR-X24257 Datasheet
502Kb / 19P
400kHz 2-Wire Serial EEPROM with Block Lock
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
SPI Serial E 2 PROM with Block Lock ??Protection
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
400KHz 2-Wire Serial E2PROM with Block Lock
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
5MHz SPI Serial E 2 PROM with Block Lock ??Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com